Electronic Components Datasheet Search
  English  ▼

X  

LC75829PW Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC75829PW
Description  1/4 and 1/3-Duty General-Purpose LCD Display Driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC75829PW Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC75829PW Datasheet HTML 14Page - Sanyo Semicon Device LC75829PW Datasheet HTML 15Page - Sanyo Semicon Device LC75829PW Datasheet HTML 16Page - Sanyo Semicon Device LC75829PW Datasheet HTML 17Page - Sanyo Semicon Device LC75829PW Datasheet HTML 18Page - Sanyo Semicon Device LC75829PW Datasheet HTML 19Page - Sanyo Semicon Device LC75829PW Datasheet HTML 20Page - Sanyo Semicon Device LC75829PW Datasheet HTML 21Page - Sanyo Semicon Device LC75829PW Datasheet HTML 22Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LC75829PE, 75829PW
No.A1462-21/22
Sample Applications Circuit1
1/4 Duty, 1/3 Bias
*2 The pins to be connected to the controller (CE, CL, DI, INH) can handle 3.3V or 5V.
*3 Connect the S53/OSCI pin to the LCD panel in the internal oscillator operating mode and insert a current protection
resistor Rg (2.2 to 22k
Ω) between the S53/OSCI pin and external clock output pin (external oscillator) in the
external clock operating mode (see “S53/OSCI Pin Peripheral Circuit”).
Sample Application Circuit 2
1/3 Duty, 1/3 Bias
*2 The pins to be connected to the controller (CE, CL, DI, INH) can handle 3.3V or 5V.
*3 Connect the S53/OSCI pin to the LCD panel in the internal oscillator operating mode and insert a current protection
resistor Rg (2.2 to 22k
Ω) between the S53/OSCI pin and external clock output pin (external oscillator) in the
external clock operating mode (see “S53/OSCI Pin Peripheral Circuit”).
Used for functions
such as backlight
control
General-purpose
output ports
(P4)
(P2)
(P1)
DI
CL
CE
INH
VDD1
OSCI/S53
S51/COM4
S52
S5
P4/S4
P2/S2
P1/S1
COM3
COM2
COM1
*2
VDD
VDD2
VSS
C
From the
controller
C
≥0.047μF
+5V
C
(P3)
P3/S3
S50
*3
Used for functions
such as backlight
control
General-purpose
output ports
(P4)
(P2)
(P1)
DI
CL
CE
INH
VDD1
OSCI/S53
COM4/S51
S52
S5
P4/S4
P2/S2
P1/S1
COM3
COM2
COM1
*2
VDD
VDD2
VSS
C
From the
controller
C
≥0.047μF
+5V
C
(P3)
P3/S3
S50
*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com