Electronic Components Datasheet Search
  English  ▼

X  

PIC12F615 Datasheet(PDF) 10 Page - Microchip Technology

Part # PIC12F615
Description  Adding Intelligence to Lighting Applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F615 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PIC12F615 Datasheet HTML 6Page - Microchip Technology PIC12F615 Datasheet HTML 7Page - Microchip Technology PIC12F615 Datasheet HTML 8Page - Microchip Technology PIC12F615 Datasheet HTML 9Page - Microchip Technology PIC12F615 Datasheet HTML 10Page - Microchip Technology PIC12F615 Datasheet HTML 11Page - Microchip Technology PIC12F615 Datasheet HTML 12Page - Microchip Technology PIC12F615 Datasheet HTML 13Page - Microchip Technology PIC12F615 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LED Lighting Solutions Design Guide
www.microchip.com/lighting
LED Lighting Solutions
PIC16HV785
Digital IO
OA1
COMP1
OA2
COMP2
VBUS
LED
String
Temp
Sensor
PWM
Voltage
Ref.
5V Reg.
Int OSC
BOR
CPU
–
+
–
+
–
+
–
+
10-bit ADC
PIC16HV785 Boost LED Driver Application
Mixed-Signal LED Drivers
Some devices, such as the PIC16F616, have a SR latch
module that can be used in many different ways along with
the comparators and other digital signal events. Events such
as clock pulses or comparator signals can be programmed to
set or reset the SR latch. These programming options allow
almost any kind of control signal to be generated.
The PIC16F785 has two on-chip op amps, two on-chip
comparators, two SR latch PWM modules and an adjustable
voltage reference. This combination of peripherals can be
digitally configured to implement a wide variety of SMPS
circuit topologies.
Literature on the Web
■ AN1035 – Designing with HV Microcontrollers DS01035
■ AN1047 – Buck-Boost LED Driver Using the PIC16F785
MCU, DS01047
■ AN1271 – Offline Power Converter for High Brightness
LEDs Using the PIC16HV785 Microcontroller, DS01271
■ PIC16F785/HV785 Device Data Sheet, DS41249
PIC16HV785
COMP1
COMP2
OA1
LED
String
OA2
ISENSE
PWM Dimming Control
AC Ref
RFB
–
+
–
+
–
+
PWM
Voltage
Ref.
5V Reg.
Int OSC
BOR
CPU
–
+
10-bit ADC
MCP1402
PWM
Input
Filter
VBUS
VBUS
VBUS
PIC16HV785 Flyback Converter with PFC and Dimming Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com