Electronic Components Datasheet Search
  English  ▼

X  

ISO7240CF Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7240CF
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CF Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7240CF_12 Datasheet HTML 8Page - Texas Instruments ISO7240CF_12 Datasheet HTML 9Page - Texas Instruments ISO7240CF_12 Datasheet HTML 10Page - Texas Instruments ISO7240CF_12 Datasheet HTML 11Page - Texas Instruments ISO7240CF_12 Datasheet HTML 12Page - Texas Instruments ISO7240CF_12 Datasheet HTML 13Page - Texas Instruments ISO7240CF_12 Datasheet HTML 14Page - Texas Instruments ISO7240CF_12 Datasheet HTML 15Page - Texas Instruments ISO7240CF_12 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868N
– SEPTEMBER 2007 – REVISED JANUARY 2012
www.ti.com
ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 2.8 V (ISO7241C only)
(1) OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
SUPPLY CURRENT
Quiescent
VI = VCC or 0 V
3.9
6.8
All channels, no load,
ICC1
ISO7241C
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
12.5 MHz Input Clock Signal
6.2
10.5
Quiescent
VI = VCC or 0 V
6.9
12
All channels, no load,
ICC2
ISO7241C
mA
EN1 at 3 V, EN2 at 3 V
25 Mbps
12.5 MHz Input Clock Signal
9.4
16
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN1 at 0 V, single channel
0
μA
IOH = –4 mA, See Figure 1
VCC–0.6
VOH
High-level output voltage
V
IOH = –20 μA, See Figure 1
VCC–0.1
IOL = 4 mA, See Figure 1
0.6
VOL
Low-level output voltage
V
IOL = 20 μA, See Figure 1
0.1
VI(HYS) Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0 V or VCC
μA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0 V, See Figure 5
10
45
kV/
μs
(1)
For the 2.8-V operation, VCC1 or VCC2 is specified at 2.8-V.
2.8-V operation is only guaranteed for ISO7241C with production screening starting in January 2012. The first two digits of the Lot Trace
Code (YMLLLLS) written on top of each device can be used to identify year and month of production respectively.
12
Copyright
© 2007–2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com