Electronic Components Datasheet Search
  English  ▼

X  

BA277 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # BA277
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BA277 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button BA277 Datasheet HTML 19Page - NXP Semiconductors BA277 Datasheet HTML 20Page - NXP Semiconductors BA277 Datasheet HTML 21Page - NXP Semiconductors BA277 Datasheet HTML 22Page - NXP Semiconductors BA277 Datasheet HTML 23Page - NXP Semiconductors BA277 Datasheet HTML 24Page - NXP Semiconductors BA277 Datasheet HTML 25Page - NXP Semiconductors BA277 Datasheet HTML 26Page - NXP Semiconductors BA277 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 130 page
background image
24
NXP Semiconductors RF Manual 16th edition
Recommended products
Outdoor unit
Function
Product
Package
Type
IF
MMIC
IF gain block
SOT363
BGA2800
BGA2801
BGA2815
BGA2816
BGA2850
BGA2865
BGA2866
BGM1014
BGM1013
BGM1012
BGA2714
Function
Product
Package
Type
LNA2
RF transistor
SiGe:C transistor
SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
MMIC
SiGe:C MMIC
SOT891
BGU7003
Function
Product
Package
Type
PLL
RF IC
SiGe:C IC
SOT616
TFF1003HN
TFF1007HN
TFF11xxxHN^
Function
Product
Package
Type
Oscillator
RF transistor
Wideband
transistor
SOT343R
BFG424W
BFG425W
SiGe:C transistor
SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
Function
Product
Package
Type
Synth
RF diode
Varicap diode
SOD523
BB202
Function
Product
Package
Type
Buffer
RF transistor
SiGe:C transistor
SOT343F
BFU610F
BFU630F
BFU660F
BFU690F
BFU710F
BFU725F/N1
BFU730F
BFU760F
BFU790F
^ 17 different types with LO ranges: 7-15 GHz, see 3.4.4
Product highlight:
TFF1007HN Low phase noise LO generator
for VSAT applications
The TFF1007HN is a Ku-band frequency generator intended for
low phase noise local-oscillator (LO) circuits for Ku-band VSAT
transmitters and transceivers. The specified phase noise complies
with IESS-308 from Intelsat.
Features
` Divider settings: 64
` Input signal 230.46 to 234.38 MHz
` Internally stabalized voltage references for loop filter and output
power level
` LO generator with VCO range: 14.75 to 15 GHz
` Output level -4 dBm minimum
` Phase noise compliant with IESS-308 (Intelsat)
` Third- or fourth-order PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com