Electronic Components Datasheet Search
  English  ▼

X  

AH1883 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AH1883
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1883 Datasheet(HTML) 3 Page - Diodes Incorporated

  AH1883 Datasheet HTML 1Page - Diodes Incorporated AH1883 Datasheet HTML 2Page - Diodes Incorporated AH1883 Datasheet HTML 3Page - Diodes Incorporated AH1883 Datasheet HTML 4Page - Diodes Incorporated AH1883 Datasheet HTML 5Page - Diodes Incorporated AH1883 Datasheet HTML 6Page - Diodes Incorporated AH1883 Datasheet HTML 7Page - Diodes Incorporated AH1883 Datasheet HTML 8Page - Diodes Incorporated AH1883 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AH1883
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT SWITCH
AH1883
Document number: DS31296 Rev. 6 - 2
3 of 10
www.diodes.com
September 2011
© Diodes Incorporated
Absolute Maximum Ratings (TA = 25°C, Note 1)
Symbol
Characteristics
Values
Unit
Vdd
Supply voltage
5
V
B
Magnetic flux density
Unlimited
TS
Storage Temperature Range
-65 to +150
°C
PD
Package Power Dissipation
230
mW
TJ
Maximum Junction Temperature
150
°C
Notes:
1. Stresses greater than the 'Absolute Maximum Ratings' specified above, may cause permanent damage to the device. These are stress ratings only;
functional operation of the device at these or any other conditions exceeding those indicated in this specification is not implied. Device reliability
may be affected by exposure to absolute maximum rating conditions for extended periods of time
Recommended Operating Conditions (TA = 25°C)
Symbol
Parameter
Conditions
Rating
Unit
Vdd
Supply Voltage
Operating
1.65 to 3.3
V
TA
Operating Temperature Range
Operating
-40 to +85
°C
Electrical Characteristics (TA = 25°C, Vdd = 1.8V, unless otherwise specified)
Symbol
Characteristic
Conditions
Min
Typ.
Max
Unit
VOH
Output On Voltage (High side)
IO= -0.5mA
Vdd-0.2
-
-
V
VOL
Output On Voltage (Low side)
IO= 0.5mA
-
-
0.2
V
Idd(en)
Supply Current
Chip enable
-
2
4
mA
Idd(dis)
Chip disable
-
5
8
uA
Idd(avg)
average supply current
-
7
12
uA
Tawake
Awake Time
-
50
100
µs
Tperiod
Period
-
50
100
ms
D.C.
Duty Cycle
-
0.1
-
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com