Electronic Components Datasheet Search
  English  ▼

X  

BB201 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # BB201
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BB201 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button BB201 Datasheet HTML 9Page - NXP Semiconductors BB201 Datasheet HTML 10Page - NXP Semiconductors BB201 Datasheet HTML 11Page - NXP Semiconductors BB201 Datasheet HTML 12Page - NXP Semiconductors BB201 Datasheet HTML 13Page - NXP Semiconductors BB201 Datasheet HTML 14Page - NXP Semiconductors BB201 Datasheet HTML 15Page - NXP Semiconductors BB201 Datasheet HTML 16Page - NXP Semiconductors BB201 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 130 page
background image
14
NXP Semiconductors RF Manual 16th edition
1.1.3 Repeater
Application diagram
Recommended products
Product highlight:
BGX7221 MMIC dual down-mixer
The BGX7221 combines a pair of high performance, high linearity
down-mixers for use in receivers that have a common local oscillator
used with, for example, main and diversity paths. The device covers
frequency bands from 1700 to 2700 MHz with an extremely flat
behavior.
Features
` 8.5 dB conversion gain over all bands
` 13 dBm input, 1 dB compression point
` 25.5 dBm input third-order intercept point
` 10 dB (typ) small signal noise figure
` Integrated active biasing
` Single +5 V supply operation
` Power-down per mixer with hardware control pins
` Low bias current in power-down mode
` Matched 50 Ω single-ended RF and LO input impedances
` ESD protection at all pins
brb631
I-DAC
Q-DAC
PA
Tx0
LPF
LPF
LPF
LPF
RF SAW
RF SAW
PA
VGA
VGA
Tx1
Rx0
Rx1
Dual mixer
Dual DAC
PLL
VCO
LO Signal
Clock
Recovery
jitter
cleaner
DDC/
DUC
Filtering
mixer
mixer
ADC
ADC
Dual ADC
Dual VGA
Dual mixer
mixer
mixer
LNA
LNA
LNA
Function
Product
PL (1 dB) @ 940 MHz
Package
Type
MPA
(medium power amplifier)
MMIC
24 dBm
SOT89
BGA7024
28 dBm
BGA7027
25 dBm
SOT908
BGA7124
28 dBm
BGA7127
30 dBm
BGA7130
Function
Product
Gain range
Package
Type
Dual VGA
(variable-gain amplifier)
MMIC
24 dB
SOT617
BGA7350
28 dB
BGA7351
Function
Product
Frequency range
Package
Type
Dual mixer
MMIC
1.7 - 2.7 GHz
SOT1092
BGX7220
0.7 - 1.2 GHz
BGX7221
Function
Product
Package
Type
LNA
SiGe:C MMIC
SOT650
BGU7051
BGU7052
BGU7053
SOT1301
BGU7060
BGU7061
BGU7062
BGU7063
Function
Product
Noise
Package
Type
PLL + VCO
(LO generator)
MMIC
-131 dBc/Hz @ 1 MHz
offset @ 5.3 GHz
SOT617
BGX7300*
* Check status in section 3.1, as this type is not yet released for mass production
Function
Product
f
min (MHz)
f
max (MHz)
P1dB (W)
Matching
Package
Type
HPA
Driver
700
2200
10
-
SOT1179
BLP7G22-10*
2300
2700
10
I
SOT975
BLF6G27-10(G)
Driver/final
700
1000
45
I
SOT608
BLF6G10(S)-45
1450
1550
40
I/O
SOT1135
BLF6G15L(S)-40RN
1800
2000
45
I/O
SOT608
BLF6G20(S)-45
2110
2170
40
I/O
SOT1121
BLF6G22L(S)-40P
2500
2700
40
I/O
SOT1121
BLF6G27L(S)-40P
3400
3800
50
I/O
SOT502
BLF6G38(LS)-50
Integrated Doherty
2010
2025
50
O
SOT1130
BLD6G21L(S)-50
2110
2170
50
I/O
SOT1130
BLD6G22L(S)-50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com