Electronic Components Datasheet Search
  English  ▼

X  

ALS32 Datasheet(PDF) 58 Page - Kemet Corporation

Part # ALS32
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALS32 Datasheet(HTML) 58 Page - Kemet Corporation

Back Button ALS32 Datasheet HTML 54Page - Kemet Corporation ALS32 Datasheet HTML 55Page - Kemet Corporation ALS32 Datasheet HTML 56Page - Kemet Corporation ALS32 Datasheet HTML 57Page - Kemet Corporation ALS32 Datasheet HTML 58Page - Kemet Corporation ALS32 Datasheet HTML 59Page - Kemet Corporation ALS32 Datasheet HTML 60Page - Kemet Corporation ALS32 Datasheet HTML 61Page - Kemet Corporation ALS32 Datasheet HTML 62Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
58
58
Tantalum Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Tantalum Surface Mount Capacitors • High Reliability Commerical Off-The-Shelf (COTS)
Polymer COTS Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T540
B
D
3.5 x 2.8 x 1.9
.3 x 4.3 x 2.8
22µF - 150µF
4µF - 680µF
Polymer cathode technology
125°C maximum operating temperature
High frequency capacitance retention
Benign failure mode
Tape and reel packaging
Low ESR, surge tested
•
•
•
•
•
•
Polymer COTS Multiple Anode Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T541
D
X
Y
.3 x 4.3 x 2.8
.3 x 4.3 x 4.0
.3 x 4.3 x 4.0 max
150µF - 680µF
150µF - 1000µF
220µF - 680µF
Polymer cathode technology
125°C maximum operating temperature
High frequency capacitance retention
Benign failure mode
ESR: 10mΩ to 40mW
Tape and reel packaging
Low ESR, surge tested
•
•
•
•
•
•
•
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T49
A
B
C
D
E
F
G
H
X
2.54 x 1.2 x 1.2
3.81 x 1.2 x 1.2
5.08 x 1.2 x 1.2
3.81 x 2.54 x 1.2
5.08 x 2.54 x 1.2
5.59 x 3.43 x 1.8
6.3 x 2.9 x 2.9
.24 x 3.81 x 2.9
6.93 x 5.41 x 2.4
0.33µF - 4.µF
0.68µF - 15µF
0.4µF - 0.68µF
1.5µF - 33µF
2.2µF - 68µF
4.µF - 68µF
6.8µF - 150µF
15µF - 150µF
15µF - 33µF
High grade Commercial-Off-The-Shelf (COTS)
4 - 50 Volts
±20%, ±10% capacitance tolerance
100% accelerated steady state aging
100% thermal shock
Surge current testing available
Tape and reel packaging
RoHS-compliant
Termination options available
•
•
•
•
•
•
•
•
•
Military/Aerospace COTS MnO
2 Series
Series
Case Size
KEMET/EIA
Dimensions
L x W x H (mm)
Capacitance Range
Benefits
T493
A/3216-18
B/3528-21
C/6032-28
D/343-31
X/343-43
E/260-38
3.2 x 1.6 x 1.6
3.5 x 2.8 x 1.9
6.0 x 3.2 x 2.5
.3 x 4.3 x 2.8
.3 x 4.3 x 4.0
.3 x 6.0 x 3.6
0.10µF - 100µF
0.15µF - 100µF
0.4µF - 220µF
1.5µF - 330µF
4.µF - 400µF
4µF -68µF
Commercial-Off-The-Shelf (COTS)
4 - 50 Volts
±20%, ±10% capacitance tolerance
CECC qualified
Tape and reel packaging
Low ESR, surge tested, Weibull graded,
termination options
•
•
•
•
•
•
High Grade COTS MnO
2 Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com