Electronic Components Datasheet Search
  English  ▼

X  

CXA3186N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXA3186N
Description  All Band TV Tuner IC with On-chip PLL
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3186N Datasheet(HTML) 5 Page - Sony Corporation

  CXA3186N Datasheet HTML 1Page - Sony Corporation CXA3186N Datasheet HTML 2Page - Sony Corporation CXA3186N Datasheet HTML 3Page - Sony Corporation CXA3186N Datasheet HTML 4Page - Sony Corporation CXA3186N Datasheet HTML 5Page - Sony Corporation CXA3186N Datasheet HTML 6Page - Sony Corporation CXA3186N Datasheet HTML 7Page - Sony Corporation CXA3186N Datasheet HTML 8Page - Sony Corporation CXA3186N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
—5—
CXA3185/3186N
Pin
Symbol
Equivalent circuit
Pin voltage
Description
No.
(V)
23
24
25
26
27
28
29
30
VCC2
GND2
IFOUT
LOCK
CPE
CPO
REFOSC
VCC3
—
—
2.3
5.0
(Lock)
0.2
(UNLock)
0.6
2.0
4.3
—
PLL circuit power supply.
PLL circuit GND.
IF output.
LOCK detection.
High when locked, Low when
unlocked.
NPN transistor connection for
varicap diode drive.
Charge pump output.
Connect a loop filter.
Crystal connection for
reference oscillator.
Power supply for external
supply.
25
8
40
VCC1
26
22
VCC2
40k
28
27
22
VCC2
200
500
20k
29
60k
30p
30p
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com