Electronic Components Datasheet Search
  English  ▼

X  

EXV Datasheet(PDF) 16 Page - Kemet Corporation

Part # EXV
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EXV Datasheet(HTML) 16 Page - Kemet Corporation

Back Button EXV Datasheet HTML 12Page - Kemet Corporation EXV Datasheet HTML 13Page - Kemet Corporation EXV Datasheet HTML 14Page - Kemet Corporation EXV Datasheet HTML 15Page - Kemet Corporation EXV Datasheet HTML 16Page - Kemet Corporation EXV Datasheet HTML 17Page - Kemet Corporation EXV Datasheet HTML 18Page - Kemet Corporation EXV Datasheet HTML 19Page - Kemet Corporation EXV Datasheet HTML 20Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
16
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
16
Ceramic Capacitors
Through-Hole Multilayer Ceramic Capacitors (THD MLCCs)
Radial (Goldmax) • Conformally Coated • C0G (NP0), X7R & Z5U Dielectrics • 25VDC–250VDC
(Commercial & Automotive Grade)
Series
Code
Dimensions
L x H x T
(inches max)
Lead
Spacing
(inches)
Dielectric/
Capacitance Range
Voltage
Range
(VDC)
Benefits
C315
0.150 x 0.210 x 0.100
0.10
C0G – 1.0pF - 400pF
XR – 100pF - 1.0µF
Z5U – 1000pF - 0.1µF
50 - 200
25 - 250
50 - 200
General (All Dielectrics)
Pb-Free and RoHS-compliant (excluding SnPb lead
material option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated lead material allowing for
excellent solderability
SnPb plated lead material option available upon
request (60/40)
Several lead configuration options available (See
catalog for details)
See High Voltage table for >250VDC availability
0.51mm lead diameter (C31X-C34X)
0.64mm lead diameter (C35X)
Through-hole technology offers excellent flex
performance
C0G (NP0) Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades
available
No piezoelectric noise
Low ESR and ESL
High thermal stability
High ripple current capability
Preferred capacitance solution at line frequencies and
into the MHz range
No capacitance change with respect to applied rated
DC voltage
Negligible capacitance change with respect to
temperature from -55°C to +125°C
No capacitance decay with time
XR Dielectric
-55°C to +125°C operating temperature range
Commercial and Automotive (AEC-Q200) Grades
available
Temperature stable dielectric
Z5U Dielectric
+10°C to +85°C operating
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
C316
0.150 x 0.230 x 0.100
0.10
C31
0.150 x 0.230 x 0.100
0.20
C318
0.150 x 0.235 x 0.100
0.20
C320
0.200 x 0.260 x 0.125
0.10
C0G – 1.0pF - 0.015µF
XR – 100pF - 10µF
Z5U – 1000pF - 1.0µF
50 - 200
25 - 250
50 - 200
C321
0.200 x 0.260 x 0.125
0.25
C322
0.200 x 0.260 x 0.125
0.20
C323
0.200 x 0.320 x 0.125
0.20
C324
0.200 x 0.260 x 0.125
0.10
C325
0.200 x 0.320 x 0.125
0.20
C326
0.200 x 0.350 x 0.125
0.10
C32
0.200 x 0.350 x 0.125
0.20
C328
0.200 x 0.325 x 0.125
0.20
C330
0.300 x 0.360 x 0.150
0.20
C0G – 4pF - 0.033µF
XR – 400pF - 2.2µF
Z5U – 0.010µF - 2.2µF
50 - 200
25 - 250
50 - 200
C331
0.300 x 0.360 x 0.150
0.25
C333
0.300 x 0.390 x 0.150
0.20
C335
0.300 x 0.420 x 0.150
0.20
C336
0.300 x 0.450 x 0.150
0.20
C340
0.400 x 0.460 x 0.150
0.20
C0G – 0.01µF - 0.068µF
XR – 0.068µF - 4.µF
Z5U – 0.10µF - 4.µF
50 - 200
25 - 250
50 - 200
C346
0.400 x 0.590 x 0.150
0.20
C350
0.500 x 0.560 x 0.200
0.40
C0G – 0.022µF - 0.12µF
XR – 0.18µF - 10µF
Z5U – 0.18µF - 6.8µF
50 - 200
25 - 250
50 - 200
C356
0.500 x 0.60 x 0.200
0.40
Axial • Molded • C0G (NP0) & X7R Dielectrics • 50VDC–200VDC
(Commercial Grade)
Series
Code
Dimensions
L x D
(inches max)
Dielectric/
Capacitance Range
Voltage
Range
(VDC)
Benefits
C114
0.160 x 0.090
C0G – 1.0pF - 680pF
XR – 10pF - 0.01µF
100 - 200
50 - 100
-55°C to +125°C operating temperature range
Pb-Free and RoHS-compliant (excluding SnPb lead material option)
Non-polar device, minimizing installation concerns
100% pure matte tin-plated lead material allowing for excellent
solderability
SnPb plated lead material option available upon request (60/40)
0.51mm lead diameter (C114 & C124)
0.64mm lead diameter (C192, C202 & C222)
Through-hole technology offers excellent flex performance
•
•
•
•
•
•
•
•
C124
0.250 x 0.090
C0G – 390pF - 1000pF
XR – 5600pF - 0.04µF
100 - 200
50 - 100
C192
0.390 x 0.140
C0G – 680pF - 8200pF
XR – 0.012µF - 0.2µF
100 - 200
50 - 100
C202
0.500 x 0.250
C0G – 5600pF - 0.033µF
XR – 0.056µF - 1.0µF
100 - 200
50 - 100
C222
0.690 x 0.350
C0G – 0.02µF - 0.1µF
XR – 0.4µF - 3.3µF
100 - 200
50 - 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com