Electronic Components Datasheet Search
  English  ▼

X  

ESK Datasheet(PDF) 50 Page - Kemet Corporation

Part # ESK
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESK Datasheet(HTML) 50 Page - Kemet Corporation

Back Button ESK Datasheet HTML 46Page - Kemet Corporation ESK Datasheet HTML 47Page - Kemet Corporation ESK Datasheet HTML 48Page - Kemet Corporation ESK Datasheet HTML 49Page - Kemet Corporation ESK Datasheet HTML 50Page - Kemet Corporation ESK Datasheet HTML 51Page - Kemet Corporation ESK Datasheet HTML 52Page - Kemet Corporation ESK Datasheet HTML 53Page - Kemet Corporation ESK Datasheet HTML 54Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
50
50
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Type
Capacitance
Range
Rated Voltage
Benefits
C2
Cylindrical
plastic case
1µF - 0µF
1µF - 100µF
1µF - 120µF
420VAC cl.A
40VAC cl.B
420VAC cl.B 40VAC cl.C
25VAC cl.B 425VAC cl.D
• Climatic category -25/85/21 or -25/100/21
• Class of Safety Protection: P0
• Diameter (D) D = 25 to 60mm
• Height (H) H = 55 to 120mm
• Terminals: Spade lug, unipolar wires, bipolar cable
• Mechanical connection: With/without bolt, quick fitting
C28
Cylindrical
plastic case
2µF - 11µF
420VAC cl.A 40VAC cl.B
• Climatic category -25/85/21
• Class of Safety Protection: P2
• Diameter (D) D = 25 to 35mm
• Height (H) H = 55 to 4mm
• Terminals: Spade lug, unipolar wires, bipolar cable
• Mechanical connection: With/without bolt, quick fitting
C8
Cylindrical
aluminum
case
1µF - 80µF
1µF - 120µF
1µF - 130µF
420VAC cl.A 40VAC cl.B
420VAC cl.B 40VAC cl.C
280VAC cl.B
• Climatic category -25/85/21 or -25/100/21
• Class of Safety Protection: P2
• Diameter (D) D = 25 to 60mm
• Height (H) H = 48 to 133mm
• Terminals: Spade lug, bipolar cable
• Mechanical connection: With/without bolt
C24
Box
plastic case
0.2µF - 9.0µF
0.4µF - 20.0µF
0.4µF - 15.0µF
0.1µF - 3.0µF
0.68µF - 30.0µF
0.33µF - 10.0µF
460VAC C24.6 25VAC C24.K
350VAC C24.B
650VAC C24.
230VAC C24.2 400VAC C24.4
(valid 2009)
• Climatic category -40/85(100)/21
• Class of Safety Protection: P0
• Lead Spacing 22.5, 2.5, 3.5mm
• Max. dV/dt 30 to 50V/µs
Series
Type
Capacitance
Range
Rated Voltage
Benefits
C3B
Cylindrical
plastic case
2µF - 50µF
250VAC
• Lighting applications
• Temperature Range -25/+85°C
• Diameter D = 25mm to 50mm, Height H = 48mm to 133mm
• Terminals: Unipolar wires, push in connector
• Mechanical connection: With/without bolt, quick fitting
• Type of capacitor (ENEC03): Type A
C95
Cylindrical
Aluminum
case
2.0µF - 60µF
2.5µF - 6.8µF
250VAC
450VAC
Lighting applications
Temperature Range -25/+85°C and -25/+100°C
Diameter D = 25mm to 50mm, Height H = 55mm to 120mm
Terminals: Spade lug 2.8mm, push in connector
Mechanical connection: With/without bolt, quick fitting
Type of capacitor (ENEC03): Type B
•
•
•
•
•
•
Capacitors for AC Motor Run Applications • Metallized Polypropylene
Capacitors for AC Lighting Applications • Metallized Polypropylene



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com