Electronic Components Datasheet Search
  English  ▼

X  

EST Datasheet(PDF) 41 Page - Kemet Corporation

Part # EST
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

EST Datasheet(HTML) 41 Page - Kemet Corporation

Back Button EST Datasheet HTML 37Page - Kemet Corporation EST Datasheet HTML 38Page - Kemet Corporation EST Datasheet HTML 39Page - Kemet Corporation EST Datasheet HTML 40Page - Kemet Corporation EST Datasheet HTML 41Page - Kemet Corporation EST Datasheet HTML 42Page - Kemet Corporation EST Datasheet HTML 43Page - Kemet Corporation EST Datasheet HTML 44Page - Kemet Corporation EST Datasheet HTML 45Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 66 page
background image
41
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
41
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Series
Class
Capacitance
Range
Rated Voltage
Benefits
F881
Polypropylene
Metallized Film
Y2
0.001µF - 1.0µF
300VAC
• Test voltage (factory test) 4000VDC and 2500VAC
• Climactic category 40/110/56
• Max. dV/dt 800 V/µS
• Lead spacing 10, 15, 22.5, 2.5, 3.5mm
• Approvals: ENEC, UL, cUL
PHE850
Polypropylene
Metallized Film
Y2
0.01µF - 1.0µF
300 (480 UL)
Test voltage (factory test) 5000VDC & 2500VAC
Climactic category 55/110/56/B
Max. dV/dt 100 V/µs
Lead spacing 10, 15, 22.5, 2.5, 3.5mm
Approvals ENEC, UL, cUL
•
•
•
•
•
R41
Polypropylene
Metallized Film
Y2
0.001µF - 1.0µF
300
Test voltage (factory test) 5000VDC & 2500VAC
Climactic category 40/110/56
Max. dV/dt 300 to 800 V/µs
Lead spacing 10, 15, 22.5, 2.5, 3.5mm
Approvals ENEC, UL, cUL, CQC
•
•
•
•
•
SMP253
Impregnated
Metallized Paper
Y2
0.001µF - 0.004µF
250VAC
• SMD, size 5045
• Test voltage (factory test) 3000VDC
• Climatic category 40/100/56/B
• Max. dV/dt 2000 V/µs
• Approvals: ENEC, UL, CSA
PME21Y
Impregnated
Metallized Paper
Y2
0.001µF - 0.1µF
250VAC
• Test voltage (factory test) 3000VDC
• Climatic category 40/100/56/B
• Max. dV/dt 400 to 2000 V/µs
• Lead spacing 10.2, 15.2, 20.3, 25.4mm
• Approvals: ENEC, UL, CSA
PME21Y (A-E)
Impregnated
Metallized Paper
Y2
0.001µF - 0.15µF
300VAC
• Test voltage (factory test) 3000VDC
• Climatic category 40/115/56/B
• Max. dV/dt 400 to 2000 V/µs
• Lead spacing 10.2, 15.2, 20.3, 25.4mm
• Approvals: ENEC, UL, CSA
PME295
Impregnated
Metallized Paper
Y1
0.4nF - 4.nF
440VAC (ENEC)
480VAC (UL)
• Test voltage (factory test) 4000VAC
• Climatic category 40/115/56/B
• Max. dV/dt 2000 V/µs
• Lead spacing 15.0mm
• Approvals: ENEC, UL, CSA
AC Line EMI Capacitors • Class Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com