Electronic Components Datasheet Search
  English  ▼

X  

GP30D Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GP30D
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GP30D Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  GP30D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GP30D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GP30A THRU GP30M
RATINGS AND CHARACTERISTIC CURVES
GP30A THRU GP30M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
GLASS PASSIVATED JUNCTION RECTIFIER
50V-1000V
3.0A
0
25
50
75
100
125
150
175
0
1.0
2.0
3.0
4.0
110
100
10
100
200
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
0.1
1
10
100
1
10
100
10
100
0
20
40
60
80
100
0.01
0.1
1
10
AMBIENT TEMPERATURE, °C
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60 HZ
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
PERCENT OF RATED PEAK REVERSE
VOLTAGE, %
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
TJ=125°C
TJ=75°C
TJ=25°C
TJ=25°C
PULSE WIDTH=300
µs
1% DUTY CYCLE
TJ=25°C
f=1.0 MHz
Vsig=50mVp-p
FIG. 1 - FORWARD CURRENT DERATING CURVE
0.375" (9.5mm) LEAD LENGTH
TJ=TJ max.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
60 HZ
RESISTIVE OR
INDUCTIVE LOAD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com