| Electronic Components Datasheet Search |
|
BF998WR Datasheet(PDF) 68 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BF998WR Datasheet(HTML) 68 Page - NXP Semiconductors |
|
68 / 130 page ![]() 69 NXP Semiconductors RF Manual 16th edition 2.5.6 Settingthebenchmarkforultralow-powerandhigh-performancewirelessconnectivitysolutions NXPs JN5148/2 wireless microcontroller platform with chipsets, modules, and supporting software NXP provides a complete package for the development of IEEE802.15.4-based wireless network solutions, incorporating all the necessary hardware and software components. NXP’s JN514x range of wireless microcontroller chips provides the optimum hardware platform for designing wireless network nodes that combine high-performance processing and radio communications. NXP also supplies JN514x wireless microcontrollers mounted on modules, and evaluation kits that simplify the development of custom applications. Software A selection of network protocol stacks, based on the industry- standard IEEE802.15.4, is available to support the wireless connectivity requirements of your application. These include JenNet, JenNet-IP, and ZigBee PRO, which are provided as a set of software libraries. JenNet is suitable for all proprietary applications. ZigBee PRO is used for smart energy and other applications where ZigBee interoperability is required. JenNet-IP provides IPv6 connectivity to the end node and is rapidly emerging as a standard for lighting and automation applications in buildings. Evaluation kit Products ` JN5142-J01 for JenNet-IP Smart Devices, JN5148-J01 for JenNet-IP Gateways ` JN5148-001 for JenNet and IEEE802.15.4, JN5142-001 for RF4CE and IEEE802.15.4 ` JN5148-Z01 for ZigBee applications ` JN5148-001-M00, JN5148-001-M03, JN5148-001-M04: modules for JenNet and IEEE802.15.4 Key features ` Ultra low-power MCU together with an IEEE802.15.4- compliant radio transceiver ` Enhanced 32-bit RISC processor for high performance and low power ` On-chip ROM and RAM for storage of application, networking stack, and software libraries ` A rich mix of analog and digital peripherals ` Low-current solution for long battery-life ` Standard-power and high-power modules ` Software Developer’s Kit (SDK), including JenNet, JenNet-IP and ZigBee networking stacks Key applications ` Smart lighting / smart energy / smart grid ` Utilities metering ` Home and commercial building automation and control ` Remote control ` Security systems ` Location-aware services – eg asset management |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |