Electronic Components Datasheet Search
  English  ▼

X  

SQJ951EP Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SQJ951EP
Description  Automotive Dual P-Channel 30 V (D-S) 175 °C MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ951EP Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SQJ951EP Datasheet HTML 2Page - Vishay Siliconix SQJ951EP Datasheet HTML 3Page - Vishay Siliconix SQJ951EP Datasheet HTML 4Page - Vishay Siliconix SQJ951EP Datasheet HTML 5Page - Vishay Siliconix SQJ951EP Datasheet HTML 6Page - Vishay Siliconix SQJ951EP Datasheet HTML 7Page - Vishay Siliconix SQJ951EP Datasheet HTML 8Page - Vishay Siliconix SQJ951EP Datasheet HTML 9Page - Vishay Siliconix SQJ951EP Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PAD Pattern
www.vishay.com
Vishay Siliconix
Revision: 07-Feb-12
1
Document Number: 63817
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RECOMMENDED MINIMUM PAD FOR PowerPAK® SO-8L DUAL
Recommended Minimum Pads
Dimensions in mm (inches)
Keep-out 6.75 (0.266) x 7.75 (0.305)
6.7500
(0.266)
5.1300
(0.202)
0.4700
(0.019)
0.5100
(0.020)
0.4100
(0.016)
1.2700
(0.050)
0.5000
(0.020)
3.0750
(0.121)
0.4100
(0.016)
0, 0
0.2550
(0.010)
0.7200
(0.028)
0.5850
(0.023)
0.9150
(0.036)
1.7300
(0.068)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com