Electronic Components Datasheet Search
  English  ▼

X  

SQJ962EP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQJ962EP
Description  Automotive Dual N-Channel 60 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ962EP Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJ962EP Datasheet HTML 1Page - Vishay Siliconix SQJ962EP Datasheet HTML 2Page - Vishay Siliconix SQJ962EP Datasheet HTML 3Page - Vishay Siliconix SQJ962EP Datasheet HTML 4Page - Vishay Siliconix SQJ962EP Datasheet HTML 5Page - Vishay Siliconix SQJ962EP Datasheet HTML 6Page - Vishay Siliconix SQJ962EP Datasheet HTML 7Page - Vishay Siliconix SQJ962EP Datasheet HTML 8Page - Vishay Siliconix SQJ962EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQJ962EP
www.vishay.com
Vishay Siliconix
S12-2198-Rev. C, 24-Sep-12
3
Document Number: 67018
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transfer Characteristics
On-Resistance vs. Drain Current
Transfer Characteristics
Transconductance
Capacitance
0
4
8
12
16
20
0
1
2
3
4
5
V
DS -Drain-to-Source Voltage (V)
V
GS = 10 V thru 5 V
V
GS = 3 V
V
GS = 4 V
0.0
0.4
0.8
1.2
1.6
2.0
0
1
2
3
4
5
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = - 55 °C
T
C = 25 °C
0.00
0.03
0.06
0.09
0.12
0.15
0.18
0.21
0.24
0
4
8
12
16
20
I
D -Drain Current (A)
V
GS = 4.5 V
V
GS = 10 V
0
4
8
12
16
20
0
2
4
6
8
10
V
GS - Gate-to-Source Voltage (V)
T
C = - 55 °C
T
C = 125 °C
T
C = 25 °C
0
4
8
12
16
20
0
3
6
9
12
15
I
D - Drain Current (A)
T
C = 25 °C
T
C = 125 °C
T
C = - 55 °C
0
100
200
300
400
500
600
0
10
20
30
40
50
60
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com