Electronic Components Datasheet Search
  English  ▼

X  

GPP15M Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GPP15M
Description  GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GPP15M Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  GPP15M Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GPP15M Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPP15A THRU GPP15M
50V-1000V
1.5A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Glass passivated junction
Low forward voltage
High current capability
Low leakage current
High surge capability
Low cost
Case:Mold plastic use UL 94V-0 recognized
flame retardant epoxy
Terminals:Axial leads, solderable per
MIL-STD-202, method 208
Polarity:Color band denotes cathode
Mounting Position:Any
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Operating and Storage Temperature Range TA
Typical Reverse Recovery Time (Note 2)
Typical Junction Capacitance (Note 1)
Peak Forward Surge Current 8.3 ms single half sine-wave
Maximum Forward Voltage at 1.5A Peak
Maximum Average Forward Rectified Current,
0
.375", (9.5mm) Lead Length at T =55 C
A
Maximum DC Reverse Current, Full Cycle Average,
0
.375", (9.5mm) Lead Length at T =55 C
A
Maximum Reverse Current, Rated DC Blocking Voltage
GPP15A GPP15B GPP15D GPP15G GPP15J GPP15K GPP15M UNITS
50
100
200
400
600
800
1000
V
V
V
0C
A
A
pF
V
35
70
140
280
420
560
700
50
100
200
400
2
25
-65 to +175
1.5
60
5.0
30
1.0
1.1
600
800
1000
0
Ratings at 25 C ambient temperature unless otherwise specified.
Signle phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
A
S
A
Notes : 1. Measured at 1.0MHz and applied reverse voltage of 4.0 VDC
2. Measured with IF=.5A, IR=1A, Irr=.25A
GLASS PASSIVATED RECTIFIER
GLASS PASSIVATED RECTIFIER


Similar Part No. - GPP15M

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP15M CHENG-YI-GPP15M Datasheet
89Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP15M VISHAY-GPP15M Datasheet
77Kb / 4P
Glass passivated chip junction
14-Jan-11
More results

Similar Description - GPP15M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1N4001G ETC-1N4001G Datasheet
143Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Galaxy Semi-Conductor H...
UF4001G BILIN-UF4001G Datasheet
82Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
MIC GROUP RECTIFIERS
8AF05 MIC-8AF05 Datasheet
64Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Digitron Semiconductors
1N5624 DIGITRON-1N5624 Datasheet
128Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
1N4001G ETC2-1N4001G Datasheet
155Kb / 2P
GLASS PASSIVATED RECTIFIER
1N5391G ETC2-1N5391G Datasheet
154Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
RL151G-157G WINNERJOIN-RL151G-157G Datasheet
96Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
DACO SEMICONDUCTOR CO.,...
EM512AG DACO-EM512AG Datasheet
695Kb / 2P
GLASS PASSIVATED RECTIFIER
RL201G DACO-RL201G Datasheet
378Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HER301G SAMYANG-HER301G Datasheet
433Kb / 2P
GLASS PASSIVATED RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com