Electronic Components Datasheet Search
  English  ▼

X  

SQJ970EP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQJ970EP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ970EP Datasheet(HTML) 5 Page - Vishay Siliconix

  SQJ970EP Datasheet HTML 1Page - Vishay Siliconix SQJ970EP Datasheet HTML 2Page - Vishay Siliconix SQJ970EP Datasheet HTML 3Page - Vishay Siliconix SQJ970EP Datasheet HTML 4Page - Vishay Siliconix SQJ970EP Datasheet HTML 5Page - Vishay Siliconix SQJ970EP Datasheet HTML 6Page - Vishay Siliconix SQJ970EP Datasheet HTML 7Page - Vishay Siliconix SQJ970EP Datasheet HTML 8Page - Vishay Siliconix SQJ970EP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SQJ970EP
www.vishay.com
Vishay Siliconix
S11-2419-Rev. C, 19-Dec-11
5
Document Number: 65282
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Safe Operating Area
Normalized Thermal Transient Impedance, Junction-to-Ambient
0.01
0.1
1
10
100
0.01
0.1
1
10
100
V
DS - Drain-to-Source Voltage (V)
* V
GS > minimum VGS at which RDS(on) is specified
TC = 25 °C
Single Pulse
BVDSS Limited
10 ms
100 ms, 1 s, 10 s, DC
Limited by R
*
DS(on)
ID Limited
IDM Limited
1 ms
10- 3
10- 2
1
10
600
10- 1
10- 4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty Cycle, D =
2. Per Unit Base = R thJA = 85 °C/W
3. T JM - TA = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
PDM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com