Electronic Components Datasheet Search
  English  ▼

X  

C324 Datasheet(PDF) 45 Page - Kemet Corporation

Part # C324
Description  Aluminum Electrolytic Capacitors
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C324 Datasheet(HTML) 45 Page - Kemet Corporation

Back Button C324 Datasheet HTML 41Page - Kemet Corporation C324 Datasheet HTML 42Page - Kemet Corporation C324 Datasheet HTML 43Page - Kemet Corporation C324 Datasheet HTML 44Page - Kemet Corporation C324 Datasheet HTML 45Page - Kemet Corporation C324 Datasheet HTML 46Page - Kemet Corporation C324 Datasheet HTML 47Page - Kemet Corporation C324 Datasheet HTML 48Page - Kemet Corporation C324 Datasheet HTML 49Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 66 page
background image
45
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • (864) 963-6300 • www.kemet.com
45
Film Capacitors
©2012 • KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864.963.6300 • www.kemet.com
Polypropylene Film Capacitors • Radial & Axial (cont.)
Series
Construction
Capacitance Range
Rated Voltage
Benefits
R4
Single metallized
film, radial
0.010µF - 0.15µF
2200pF - 3.3µF
1000pF - 2.2µF
40pF - 0.018µF
40pF - 1.0µF
1000pF - 0.4µF
250VAC, 630VDC
400VAC, 1300VDC
500VAC, 1600VDC
600VAC, 2000VDC (Mini)
00VAC, 2000VDC
900VAC, 2200VDC
Optimized for AC applications
Climatic category 55/105/56
Max. dV/dt 180 to 10000V/µs
Lead speacing 10, 15, 22.5, 2.5, 3.5mm
•
•
•
•
R4
@ 125°C
Single metallized
film, radial
1000pF - 0.10µF
680pF - 0.068µF
500VAC, 1600VDC
00VAC, 2000VDC
Optimized for AC applications
Climatic category 55/125/56
Max. dV/dt 1200 to 9500V/µs
Lead speacing 10, 15, 22.5mm
•
•
•
•
R1
Single metallized
film, radial
0.010µF - 22µF
0.010µF - 22µF
0.010µF - 15µF
0.22µF - 10µF
420VDC, 220VAC
520VDC, 250VAC
630VDC, 25VAC
1000VDC, 25VAC
PFC (Power Factor Correction) applications
Climatic category 40/110/56
Max. dV/dt 60 to 400V/µs
Lead speacing 10, 15, 22.5, 2.5, 3.5mm
DC or AC applications
•
•
•
•
•
PHE429
Single metallized
film, radial
0.1µF - 0.4µF
0.04µF - 0.15µF
420VDC, 220VAC
630VDC, 25VAC
DC or AC applications
Climatic category 55/110/56
Max. dV/dt 150 to 250 V/µs
Lead spacing 15mm
•
•
•
•
A0
Single metallized
film, axial
0.022µF - 4.µF
0.010µF - 3.3µF
6800pF - 1.5µF
1000pF - 0.68µF
160VDC, 90VAC
250VDC, 200VAC
400VDC, 220VAC
630VDC, 250VAC
DC or AC applications
Climatic category 55/105/56
Max. dV/dt 1 to 30 V/µs
Length L = 11 to 33mm
•
•
•
•
R6
Double
metallized film,
radial
6800pF - 15.0µF
200pF - 8.2µF
680pF - 0.012µF
3900pF - 5.6µF
220pF - 3300pF
40pF - 2.2µF
3300pF - 1.2µF
100pF - 0.68µF
250VDC, 180VAC
400VDC, 250VAC
630VDC, 250VAC
630VDC, 400VAC
1000VDC, 400VAC
1000VDC, 600VAC
1600VDC, 650VAC
2000VDC, 00VAC
Optimized for DC and pulse applications
Climatic category 55/105/56
Max. dV/dt 100 to 9500V/µs
Lead speacing .5, 10, 15, 22.5, 2.5, 3.5mm
•
•
•
•
R
Double
metallized film,
radial
0.02µF - 0.10µF
0.010µF - 0.10µF
5600pF - 0.10µF
1000pF - 0.10µF
1000pF - 0.02µF
1000pF - 0.018µF
250VAC, 630VDC
300VAC, 800VDC
400VAC, 1000VDC
500VAC, 1300VDC
00VAC, 1600VDC
900VAC, 2000VDC
Optimized for AC applications
Climatic category 55/105/56
Max. dV/dt 900V/µs to 9500V/µs
Lead speacing 15, 22.5, 2.5mm
•
•
•
•
PHE450
Double metallized
film, radial
330pF - 10µF
330pF - 5.6µF
330pF - 3.3µF
330pF - 2.2µF
2.nF - 1.0µF
1.0nF - 0.68µF
1nF - 0.33µF
1nF - 0.033µF
250VDC, 180VAC
400VDC, 250VAC
630VDC, 300/400VAC
1000VDC, 35/600VAC
1600VDC, 650VAC
2000VDC, 00VAC
2500VDC, 900VAC
3000VDC, 1000VAC
DC or AC applications
Climatic category 55/105/56/B
Max. dV/dt 200 to 2500 V/µs
Lead spacing .5, 10, 15, 22.5, 2.5, 3.5mm
•
•
•
•
R3
Polypropylene
film/foil,
radial
0.04µF - 0.15µF
0.033µF - 0.10µF
0.015µF - 0.04µF
0.010µF - 0.04µF
0.010µF - 2.2µF
3300pF - 1.5µF
2200pF - 0.82µF
1000pF - 0.56µF
100pF - 0.22µF
100VDC, 63VAC
160VDC, 90VAC
250VDC, 125VAC
400VDC, 160VAC
630VDC, 300VAC
1000VDC, 400VAC
1250VDC, 450VAC
1600VDC, 450VAC
2000VDC, 500VAC
• High current applications
• Climatic category 55/105/56
• Max. dV/dt 2400 to 54000V/µs
• Lead spacing 15, 22.5, 2.5, 3.5mm
PHE448
Film/foil,
radial
1.5nF - 22nF
0.1nF - 3.3nF
1600VDC, 650VAC
2000VDC, 00VAC
• High current applications
• Climatic category 55/105/56
• Max. dV/dt 15000 to 25000 V/µs
• Lead spacing 15mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com