Electronic Components Datasheet Search
  English  ▼

X  

GPP20A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GPP20A
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GPP20A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  GPP20A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GPP20A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
GPP20A THRU GPP20M
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
GLASS PASSIVATED JUNCTION RECTIFIER
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
10
0.1
0.01
1.0
1.0
10.0
100.0
0.1
0.01
Fig. 2 – Typical Instantaneous
Forward Characteristics
1
10
100
100
0.1
10
1
Fig. 4 – Typical Junction
Capacitance
Reverse Voltage (V)
0
80
100
20
40
60
Fig. 3 – Typical Reverse
Characteristics
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
25
50
75
100
125
150
175
Fig. 1 – Forward Current
Derating Curve
Ambient Temperature (¡C)
TA = 125°C
TA = 25°C
50V-1000V
2.0A
GPP20A THRU GPP20M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com