Electronic Components Datasheet Search
  English  ▼

X  

GPP20B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GPP20B
Description  GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GPP20B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  GPP20B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GPP20B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
2.0A
GPP20A THRU GPP20M
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
GLASS PASSIVATED JUNCTION RECTIFIER
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• Glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• 2.0 Ampere operation at TA=55°C with no thermal runaway
• Typical IR less than 0.1
µA
Case: JEDEC DO-204AC, molded plastic over glass
passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
High temperature soldering guaranteed: 250°C/10 seconds,
0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.015 oz., 0.4 g
GPP GPP GPP GPP GPP GPP GPP
Parameter
Symbol
20A
20B
20D
20G
20J
20K
20M
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
IF(AV)
2.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
70
A
superimposed on rated load (JEDEC Method)
Typical thermal resistance (1)
R
θJA
25
R
θJL
20
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
GPP GPP GPP GPP GPP GPP GPP
Parameter
Symbol
20A
20B
20D
20G
20J
20K
20M
Unit
Maximum instantaneous forward voltage at 2.0A
VF
1.1
V
Maximum reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 100°C
IR
50
µA
Maximum junction capacitance at 4.0V, 1MHz
CJ
25
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.


Similar Part No. - GPP20B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP20B VISHAY-GPP20B Datasheet
19Kb / 2P
Glass Passivated Junction Rectifiers
15-Mar-02
GPP20B VISHAY-GPP20B Datasheet
66Kb / 4P
Glass Passivated Junction Rectifier
03-Nov-09
logo
SUNMATE electronic Co.,...
GPP20B SUNMATE-GPP20B Datasheet
1,004Kb / 2P
AXIAL LEADED SILICON RECTIFIER DIODES
logo
Vishay Siliconix
GPP20B VISHAY-GPP20B Datasheet
72Kb / 5P
Glass Passivated Junction Plastic Rectifier
16-Jun-2020
logo
VoltarisTech Inc
GPP20B VOLTARISTECH-GPP20B Datasheet
335Kb / 2P
Glass Passivated Junction Rectifiers
Rev.A5
More results

Similar Description - GPP20B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4245GP GE-1N4245GP Datasheet
61Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5059 GE-1N5059 Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
1N5624GP GE-1N5624GP Datasheet
59Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
G2A GE-G2A Datasheet
52Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
6A05G GOOD-ARK-6A05G Datasheet
164Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL151G GOOD-ARK-RL151G Datasheet
45Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
RL251G GOOD-ARK-RL251G Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
Shenzhen Taychipst Elec...
GP15A TAYCHIPST-GP15A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
GP20A TAYCHIPST-GP20A Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3A NJSEMI-G3A Datasheet
89Kb / 1P
Glass Passivated Junction Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com