Electronic Components Datasheet Search
  English  ▼

X  

GPP60D Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GPP60D
Description  Glass Passivated Junction Plastic Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GPP60D Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  GPP60D Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GPP60D Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GPP60A THRU GPP60G
50V-1000V
2.0A
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-0
• Glass passivated junction
• Capable of meeting environmental standards of
MIL-S-19500
• 6.0 Ampere operation at TA=55°C with no thermal
runaway
• Typical IR less than 0.2µA
• High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: P600, molded plastic over glass passivated chip
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.07 ounce, 2.0 grams
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symb.
GPP60A
GPP60B
GPP60D
GPP60G
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
V
Maximum RMS voltage
VRMS
35
70
140
280
V
Maximum DC blocking voltage
VDC
50
100
200
400
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
6.0
A
Peak forward surge current 8.3ms single half sine-wave
IFSM
500
A
superimposed on rated load
Typical thermal resistance(1)
RθJA
20
RθJL
4
°C/W
Operating junction and storage temperature range
TJ,TSTG
–55 to +175
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symb.
GPP60A
GPP60B
GPP60D
GPP60G
Unit
Maximum instantaneous forward voltage at 6.0A
VF
1.1
V
Maximum reverse current
TA = 25°C
5.0
at rated DC blocking voltage
TA = 100°C
IR
100
µA
Maximum reverse recovery time
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
5.5
µs
Typical junction capacitance at 4.0V, 1MHz
CJ
110
pF
Note: (1) Thermal resistance from junction to ambient and from junction to lead at 0.375” (9.5mm) lead length, P.C.B. mounted
Glass Passivated Junction Plastic Rectifiers


Similar Part No. - GPP60D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60D VISHAY-GPP60D Datasheet
52Kb / 2P
Glass Passivated Junction Plastic Rectifiers
16-Mar-04
logo
CHENG-YI ELECTRONIC CO....
GPP60D CHENG-YI-GPP60D Datasheet
113Kb / 2P
GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP60D VISHAY-GPP60D Datasheet
70Kb / 4P
Glass Passivated Junction Rectifier
18-Aug-09
GPP60D VISHAY-GPP60D Datasheet
83Kb / 4P
Glass Passivated Junction Plastic Rectifier
26-Mar-15
More results

Similar Description - GPP60D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GPP60A VISHAY-GPP60A Datasheet
52Kb / 2P
Glass Passivated Junction Plastic Rectifiers
16-Mar-04
BY251GP VISHAY-BY251GP Datasheet
34Kb / 2P
Glass Passivated Junction Plastic Rectifiers
17-Dec-02
logo
Taiwan Semiconductor Co...
1N4001GP TSC-1N4001GP Datasheet
55Kb / 2P
1.0 AMP. Glass Passivated Junction Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_07 Datasheet
62Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Gulf Semiconductor
MUR420 GULFSEMI-MUR420 Datasheet
108Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR460A GULFSEMI-MUR460A Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
MUR480 GULFSEMI-MUR480 Datasheet
91Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
logo
Pan Jit International I...
PG600A PANJIT-PG600A_09 Datasheet
46Kb / 2P
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIERS
logo
Vishay Siliconix
GP30M-E3-54 VISHAY-GP30M-E3-54 Datasheet
87Kb / 4P
Glass Passivated Junction Plastic Rectifiers
03-Apr-08
logo
Nanjing International G...
MUR260 DGNJDZ-MUR260 Datasheet
89Kb / 2P
GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com