Electronic Components Datasheet Search
  English  ▼

X  

HFM101 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # HFM101
Description  SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

HFM101 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  HFM101 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd HFM101 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HFM101 THRU HFM108
50V-1000V
1.0A
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* Epoxy : Device has UL flammability classification 94V-0
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
* Glass passivated device
* Ideal for surface mounted applications
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.0 57 gram
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Volts
Maximum DC Blocking Voltage
Maximum Average Forward Current
at TA = 50
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 2)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Volts
Volts
Volts
Amps
1.0
30
15
-65 to + 150
Amps
pF
0C
UNITS
12
HFM101
50
35
50
HFM102
100
70
100
HFM104
300
210
300
HFM105
400
280
400
HFM107
800
560
800
HFM108
1000
700
1000
HFM103
200
140
200
HFM106
600
420
600
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Test Conditions: IF=0.5A, IR=-1.0A, IRR=-0.25A.
2. Measured at 1 MHZ and applied reverse voltage of 4.0 volts.
Maximum DC Reverse Current at
CHARACTERISTICS
VF
SYMBOL
IR
trr
UNITS
uAmps
nSec
Maximum Full Load Reverse Current, Full cycle Average TA =55
oC
Maximum Forward Voltage at 1.0A DC
Volts
5.0
50
Maximum Reverse Recovery Time (Note 1)
Rated DC Blocking Voltage
HFM101
HFM106
HFM103
HFM107 HFM108
HFM104
50
uAmps
1.0
1.7
75
HFM102
HFM105
1.3
@TA =25
oC
@TA = 125
oC
100
uAmps
Pulse energy, non repetitive(inductive load switch off )
ER
20
mJ


Similar Part No. - HFM101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM101 RECTRON-HFM101 Datasheet
27Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
HFM101 FORMOSA-HFM101 Datasheet
69Kb / 2P
Ultra fast recovery type
HFM101 FORMOSA-HFM101 Datasheet
36Kb / 2P
Chip Silicon Rectifier - Fast recovery type
logo
WILLAS ELECTRONIC CORP
HFM101 WILLAS-HFM101 Datasheet
596Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Leshan Radio Company
HFM101 LRC-HFM101 Datasheet
179Kb / 9P
Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results

Similar Description - HFM101

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM501 RECTRON-HFM501 Datasheet
34Kb / 3P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
PACELEADER INDUSTRIAL
HGL34A PACELEADER-HGL34A Datasheet
161Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY RECTIFIER
HSM101 PACELEADER-HSM101 Datasheet
406Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
WILLAS ELECTRONIC CORP
HFM101 WILLAS-HFM101 Datasheet
596Kb / 2P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
GOOD-ARK Electronics
FH1 GOOD-ARK-FH1 Datasheet
379Kb / 4P
Surface Mount Glass Passivated High Efficiency Rectifier
logo
Rectron Semiconductor
HFM101F RECTRON-HFM101F Datasheet
247Kb / 8P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM301B RECTRON-HFM301B Datasheet
317Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM1012 RECTRON-HFM1012 Datasheet
170Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM501B RECTRON-HFM501B Datasheet
397Kb / 7P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
HFM1012B RECTRON-HFM1012B Datasheet
306Kb / 8P
SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com