Electronic Components Datasheet Search
  English  ▼

X  

IN4005 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # IN4005
Description  PLASTIC SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

IN4005 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  IN4005 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd IN4005 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
IN4001 THRU IN4007
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Fig.1 - TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.1
1.0
10
0.1
.4
.6
.8
1.0
1.2
1.4
1.6
0
T =25 C
J
0
T =25 C
J
0
T =25 C
J
Fig.4 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE(V)
10
10
1
1
100
100
Fig.2 - PAEK FORWARD SURGE CURRENT
10
1
100
NUMBER OF CYCLES AT 60 Hz
0
10
20
40
50
30
0
AMBIENT TEMPERATURE, C
Fig.3 - FORWARD CURRENT DERATING CURVE
SINGLE PHASE
HALF WAVE 60 Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.5mm)
LEAD LENGTH
0
.25
.50
.75
1.00
1.25
1.50
25
100
75
150
175
50
125
50V-1000V
1.0A
IN4001 THRU IN4007
PLASTIC SILICON RECTIFIER
PLASTIC SILICON RECTIFIER



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com