Electronic Components Datasheet Search
  English  ▼

X  

IN5820 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # IN5820
Description  MINIATURE SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

IN5820 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  IN5820 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd IN5820 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
IN5820 THRU IN5822
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
20V-40V
3.0A
IN5820 THRU IN5822
MINIATURE SCHOTTKY BARRIER RECTIFIER
MINIATURE SCHOTTKY BARRIER RECTIFIER
0
LEAD TEMPERATURE, C
Fig. 1 - FORWARD CURRENT DERATING CURVE
SINGLE PHASE
HALF WAVE 60 Hz
RESISTIVE OR
INDUCTIVE LOAD
.375" (9.5mm) LEAD LENGTH
20
0
0
1
2
3
4
100
60
140
40
120
80
Fig. 2 - TYPICAL FORWARD
CHARACTERISTICS
PERCENT OF RATED PEAK
REVERSE VOLTAGE, (%)
20
100
60
40
120
80
Pulse Width-300 s
2% DUTY CYCLE
0
T =100C
J
0
T =75 C
J
0
T =25 C
J
0.1
.001
1.0
10
NUMBER OF CYCLES AT 60 Hz
Fig. 3 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
8.3ms Single Half Sine-Wave
JEDEC Method
0
T =75 C
L
1
10
100
10
20
30
40
50
60
70
80
Fig. 4 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
.3
.2
.4
.5
.6
.7
.8
.9
0.1
1.0
10
20
1N5820
1N5821
1N5822
Fig. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
10
1.0
.1
100
20
10
60
80
100
200
400
600
800
1000
0
T =25 C
J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com