Electronic Components Datasheet Search
  English  ▼

X  

MBR2200 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MBR2200
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MBR2200 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  MBR2200 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MBR2200 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES
MBR240 THRU MBR2200
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 2
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
NO. OF CYCLE AT 60Hz
LEAD TEMPERATURE, C
O
2.5
2.0
1.0
0
.375" 9.5mmLEADLENGHTS
RESISTIVEORINDUCTIVELOAD
0.5
1.5
0
20406080
100
0.01
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
1.2
120 140 160
1
10
100
60
50
40
30
20
10
0
50-60V
80-100V
150-200V
T= 25 C
A
O
FORWARD VOLTAGE, VOLTS
40-45V
Fig.3-TYPICAL REVERSE CHARACTERISTIC
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
V
=40-60V
V
=80-200V
RRM
RRM
T=75 C
J
O
T =125 C
J
O
180
Fig.2- MAXIMUM NON-REPETITIVEPEAKFORWARD
SURGE CURRENT
=40V
= 45-200V
40V-200V
2.0A
MBR240 THRU MBR2200
SCHOTTKY BARRIER RECTIFIERS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com