| Electronic Components Datasheet Search |
|
BGA2012 Datasheet(PDF) 93 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
BGA2012 Datasheet(HTML) 93 Page - NXP Semiconductors |
|
93 / 130 page ![]() 94 NXP Semiconductors RF Manual 16th edition (1) Frequency range: minimum and maximum frequency in MHz at which data are characterized (@ Ch / @ Vo) (2) FL is flatness of frequency response (3) The number of channels and the output voltage at which CTB, X mod, CSO, IMD2, and IMD3 are characterized, are @ fmax (4) S is minimum responsivity of optical receivers 3.6.3 CATV power doublers Type Frequency range (MHz) (1) Gain (dB) Slope (dB) FL (dB) (1) RL IN/RLOUT (dB) CTB (dB) (3) X mod (dB) (3) CSO (dB) (3) @ Ch @ Vo (dBmV) NF @ f max (dB) I tot (mA) BGD712 40 - 750 18.2 - 18.8 0.5 - 1.5 0.35 17 / 17 -62 -63 -63 112 44 7 395 BGD712C 18.2 - 18.8 0.5 - 1.5 0.35 17 / 17 -62 -63 112 44 7 410 BGD714 20 - 20.6 0.5 - 1.5 0.35 23 / 23 -61 -62 -62 112 44 7 395 BGD812 40 - 870 18.2 - 18.8 0.4 - 1.4 0.5 25 / 23 -57 -62 -58 132 44 7.5 395 BGD814 19.7 - 20.3 0.5 - 1.5 0.5 25 / 24 -56 -61 -57 132 44 7.5 395 BGD816L 21.2 - 21.8 0.5 - 1.5 0.5 22 / 25 -55 -58 -56 132 44 7.5 360 CGD942C 22 - 24 1 - 2 0.5 20 / 20 -66 -66 -66 98 48 3.5 450 CGD944C 24 - 26 1 - 2 0.5 20 / 20 -66 -66 -66 98 48 3.5 450 CGD1040HI 40 - 1003 19.5 - 22 0.5 - 2 1 20 / 20 -70 -66 -76 79 58.4 5.5 440 CGD1042HI 22 - 23.5 0.5 - 2 1 20 / 20 -70 -65 -75 79 58.4 5.5 440 CGD1044HI 23.5 - 25.5 0.5 - 2 1 20 / 20 -70 -64 -75 79 58.4 5 440 CGD1046HI 26.5 - 28 0.7 - 2.2 1 20 / 20 -75 -68 -70 79 56.4 5 450 CGD1042H 22 - 24 1.5 0.5 20 / 21 -75 -67 -76 79 59 5 450 CGD1044H 24 - 26 1 0.5 20 / 21 -75 -67 -76 79 59 5 450 CGD982HCI 22 - 24 0.5 - 2 1 20 / 20 -66 -68 -69 98 48 5.5 440 CGD985HCI 23.5 - 25.5 0.5 - 2 1 20 / 20 -66 -68 -69 98 48 5 440 CGD987HCI 26 - 28 0.7 - 2 1 20 / 20 -66 -68 -66 98 48 5 440 3.6.4 CATV optical receivers Type Frequency range (MHz)(1) S (V/W) (4) Slope (dB) FL (dB) (1) RL OUT (dB) IMD3 (dB) (3) IMD2 (dB) (3) @ f measured (MHz) @ P i(opt) (mW) NF @ f max (dB) I tot (mA) Connectors BGO807C 40 - 870 750 0 - 2 1 11 -71 -55 854.5 1 8.5 205 FC and SC BGO807CE 750 0 - 2 1 11 -69 -53 854.5 1 8.5 205 FC and SC 3.6.5 CATV reverse hybrids Type Frequency range (MHz)(1) Gain (dB) Slope (dB) FL (dB) (1) RL IN/RLOUT (dB) CTB (dB) (3) X mod (dB) (3) CSO (dB) (3) @ Ch @ Vo (dBmV) NF @ f max (dB) I tot (mA) BGY68 5 - 75 29.2 - 30.8 -0.2 - 0.5 0.2 20 / 20 -68 -60 4 50 3.5 135 BGY66B 5 - 120 24.5 - 25.5 -0.2 - 0.5 0.2 20 / 20 -66 -54 14 48 5 135 BGY67 5 - 200 21.5 - 22.5 -0.2 - 0.5 0.2 20 / 20 -67 -60 22 50 5.5 215 BGY67A 23.5 - 24.5 -0.2 - 0.5 0.2 20 / 20 -67 -59 22 50 5.5 215 BGR269 34.5 - 35.5 -0.2 - 0.6 0.5 20 / 20 -57 -50 -66 28 50 5.5 160 Bold = highly recommended product |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |