Electronic Components Datasheet Search
  English  ▼

X  

BGA2012 Datasheet(PDF) 123 Page - NXP Semiconductors

Part # BGA2012
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA2012 Datasheet(HTML) 123 Page - NXP Semiconductors

Back Button BGA2012 Datasheet HTML 119Page - NXP Semiconductors BGA2012 Datasheet HTML 120Page - NXP Semiconductors BGA2012 Datasheet HTML 121Page - NXP Semiconductors BGA2012 Datasheet HTML 122Page - NXP Semiconductors BGA2012 Datasheet HTML 123Page - NXP Semiconductors BGA2012 Datasheet HTML 124Page - NXP Semiconductors BGA2012 Datasheet HTML 125Page - NXP Semiconductors BGA2012 Datasheet HTML 126Page - NXP Semiconductors BGA2012 Datasheet HTML 127Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 130 page
background image
124
NXP Semiconductors RF Manual 16th edition
7. Abbreviations
3-way
Doherty design using 3 discrete transistors
AM
Amplitude Modulation
ASIC
Application Specific Integrated Circuit
ASYM
Asymmetrical design of Doherty (main and
peak device are different)
BPF
Band Pass Filter
BUC
Block Upconverter
CATV
Community Antenna Television
CDMA
Code Division Multiple Access
CMMB
Chinese Multimedia Mobile Broadcasting
CMOS
Complementary Metal Oxide Semiconductor
CQS
Customer Qualification Samples
DAB
Digital Audio Broadcasting
DECT
Digital Enhanced Cordless
Telecommunications
DiSEqC
Digital Satellite Equipment Control
DSB
Digital Signal Processor
DVB
Digital Video Broadcasting
EDGE
Enhanced Data Rates for GSM Evolution
ESD
Electro Static Device
FET
Field Effect Transistor
FM
Frequency Modulation
GaAs
Gallium Arsenide
GaN
Gallium Nitride
Gen
Generation
GPS
Global Positioning System
GSM
Global System for Mobile communications
HBT
Heterojunction Bipolar Transistor
HDTV
High Definition Television
HF
High Frequency (3-30 MHz)
HFC
Hybrid Fiber Coax
HFET
Heterostructure Field Effect Transistor
HPA
High Power Amplifier
HVQFN
Plastic thermally enHanced Very thin Quad
Flat pack No leads
IF
Intermediate Frequency
ISM
Industrial, Scientific, Medical - reserved
frequency bands
LDMOS
Laterally Diffused Metal-Oxide-Semiconductor
LNA
Low Noise Amplifier
LNB
Low Noise Block
LO
Local Oscillator
LPF
Low Pass Filter
MESFET
Metal Semiconductor Field Effect Transistor
MMIC
Monolithic Microwave Integrated Circuit
MMPP
Main and peak devices realized separately in
halves of push-pull transistor
MPPM
Main and peak device realized in same push-
pull transistor (2 times)
MoCA
Multimedia over Coax Alliance
MOSFET
Metal–Oxide–Semiconductor Field Effect
Transistor
MPA
Medium Power Amplifier
MRI
Magnetic Resonance Imaging
NF
Noise Figure
NIM
Network Interface Module
NMR
Nuclear Magnetic Resonance
PA
Power Amplifier
PAR
Peak to Average Ratio
PEP
Peak Envelope Power
pHEMT
pseudomorphic High Electron Mobility
Transistor
PLL
Phase Locked Loop
QUBiC
Quality BiCMOS
RF
Radio Frequency
RFS
Release for Supply
RoHS
Restriction of Hazardous Substances
Rx
Receive
SARFT
State Administration for Radio, Film and
Television
SER
Serializer
SiGe:C
Sillicon Germanium Carbon
SMATV
Satellite Master Antenna Television
SMD
Surface Mounted Device
SPDT
Single Pole, Double Throw
SYM
Symmetrical design of Doherty (main and peak
device are the same type of transistor)
TD-SCDMA Time Division-Synchronous Code Division
Multiple Access
TCAS
Traffic Collision Avoidance Systems
TMA
Tower Mounted Amplifier
TTFF
Time to First Fix
Tx
Transmit
UHF
Ultra High Frequency (470-860 MHz)
UMTS
Universal Mobile Telecommunications System
VCO
Voltage Controlled Oscillator
VGA
Variable Gain Amplifier
VHF
Very High Frequency (30-300 MHz)
VoIP
Voice over Internet Protocol
VSAT
Very Small Aperture Terminal
WCDMA
Wideband Code Division Multiple Access
WiMAX
Worldwide Interoperability for Microwave
Access
WLAN
Wireless Local Area Network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com