Electronic Components Datasheet Search
  English  ▼

X  

MR850 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # MR850
Description  FAST RECOVER Y RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

MR850 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  MR850 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd MR850 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-600V
3.0A
MR850 THRU MR856
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
l
High surge current capability
l
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O
l
Void-free molded plastic package
l
3.0 ampere operation at TA=50 with no thermal runaway
l
Exceeds environmental standards of MIL-S-19500/228
l
Fast switching for high efficiency
Case: JEDEC DO-201AD molded plastic
Terminals: Plated Axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color Band denotes end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 gram
Ratings at 25 ambient temperature unless otherwise specified.
Resistive or inductive load.
SYMBOLS MR850
MR851
MR852
MR854
MR856 UNITS
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
480
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
Volts
Maximum Average Forward Rectified Current
.375"(9.5mm) Lead Length at TA=50
I(AV)
3.0
Amps
Peak Forward Surge Current 10ms single half sine-
wave superimposed on rated load at TA=25
IFSM
100.0
Amps
Maximum Repetitive Peak Forward Surge(Note1)
IFRM
10.0
Amps
Maximum Instantaneous Forward Voltage at 3.0A
VF
1.25
Volts
Maximum DC Reverse Current TA=25
at Rated DC Blocking Voltage TA=100
IR
10.0
500.0
A
A
Maximum Reverse Recovery Time(Note 3) TJ=25
TRR
150
ns
Typical Junction capacitance (Note 2)
CJ
60
PF
Typical Thermal Resistance (Note 4)
R JA
15.0
/W
Operating Junction Temperature Range
TJ
-50 to +125
Storage Temperature Range
TSTG
-50 to +150
NOTES:
1.
Repetitive Peak Forward Surge Current at f<15KHz
2.
Measured at 1 MHz and applied reverse voltage of 4.0 Volts
3.
Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, Irr=0.25A
4.
Thermal Resistance From Junction to Ambient at 0.375"(9.5mm) lead length with both leads to heat sink
FAST RECOVERY RECTIFIER DIODES


Similar Part No. - MR850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MR850 MOTOROLA-MR850 Datasheet
45Kb / 2P
FAST RECOVERY POWER RECTIFIERS 50.600 VOLTS 3.0 AMPERES
logo
Pan Jit International I...
MR850 PANJIT-MR850 Datasheet
53Kb / 2P
SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
MR850 TRSYS-MR850 Datasheet
134Kb / 2P
SOFT RECOVERU, FAST SWITCHING PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
MR850 JGD-MR850 Datasheet
138Kb / 2P
3.0 AMPS. FAST RECOVERY RECTIFIERS
logo
Bytes
MR850 BYTES-MR850 Datasheet
153Kb / 2P
3.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - MR850

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1S1834 SUNMATE-1S1834 Datasheet
337Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR101 SUNMATE-FR101 Datasheet
309Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR251G SUNMATE-FR251G Datasheet
310Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
FR801 SUNMATE-FR801 Datasheet
233Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
RU1 SUNMATE-RU1 Datasheet
261Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
AU01Z SUNMATE-AU01Z Datasheet
259Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ERD09-13 SUNMATE-ERD09-13 Datasheet
350Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
ES1Z SUNMATE-ES1Z Datasheet
307Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
Summit Microelectronics...
1F10F SUMMIT-1F10F Datasheet
461Kb / 2P
FAST RECOVER Y RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
BYW82 SUNMATE-BYW82 Datasheet
375Kb / 3P
FAST RECOVER Y RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com