Electronic Components Datasheet Search
  English  ▼

X  

TC7SH17F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SH17F
Description  Schmitt Buffer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH17F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SH17F Datasheet HTML 1Page - Toshiba Semiconductor TC7SH17F Datasheet HTML 2Page - Toshiba Semiconductor TC7SH17F Datasheet HTML 3Page - Toshiba Semiconductor TC7SH17F Datasheet HTML 4Page - Toshiba Semiconductor TC7SH17F Datasheet HTML 5Page - Toshiba Semiconductor TC7SH17F Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TC7SH17F/FU
2009-09-24
2
IEC Logic Symbol
Truth Table
A
Y
L
L
H
H
Operating Ranges
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
2.0 to 5.5
V
Input voltage
VIN
0 to 5.5
V
Output voltage
VOUT
0 to VCC
V
Operating temperature
Topr
−40 to 85
°C
Electrical Characteristics
DC Characteristics
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
3.0
⎯
⎯
2.20
⎯
2.20
4.5
⎯
⎯
3.15
⎯
3.15
Positive
threshold
voltage
VP
⎯
5.5
⎯
⎯
3.85
⎯
3.85
3.0
0.90
⎯
⎯
0.90
⎯
4.5
1.35
⎯
⎯
1.35
⎯
Input voltage
Negative
threshold
voltage
VN
⎯
5.5
1.65
⎯
⎯
1.65
⎯
V
3.0
0.30
⎯
1.20
0.30
1.20
4.5
0.40
⎯
1.40
0.40
1.40
Hysteresis Voltage
VH
⎯
5.5
0.50
⎯
1.60
0.50
1.60
V
2.0
1.9
2.0
⎯
1.9
⎯
3.0
2.9
3.0
⎯
2.9
⎯
IOH = −50 μA
4.5
4.4
4.5
⎯
4.4
⎯
IOH = −4 mA
3.0
2.58
⎯
⎯
2.48
⎯
High level
VOH
VIN = VIH
IOH = −8 mA
4.5
3.94
⎯
⎯
3.80
⎯
2.0
⎯
0.0
0.1
⎯
0.1
3.0
⎯
0.0
0.1
⎯
0.1
IOL = 50 μA
4.5
⎯
0.0
0.1
⎯
0.1
IOL = 4 mA
3.0
⎯
⎯
0.36
⎯
0.44
Output voltage
Low level
VOL
VIN = VIL
IOL = 8 mA
4.5
⎯
⎯
0.36
⎯
0.44
V
Input leakage current
IIN
VIN = 5.5 V or GND
0 to 5.5
⎯
⎯
±0.1
⎯
±1.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
5.5
⎯
⎯
2.0
⎯
20.0
μA
IN A
OUT Y



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com