Electronic Components Datasheet Search
  English  ▼

X  

AL9910ASP-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AL9910ASP-13
Description  UNIVERSAL HIGH VOLTAGE HIGH BRIGHTNESS LED DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910ASP-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AL9910ASP-13 Datasheet HTML 1Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 2Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 3Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 4Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 5Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 6Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 7Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 8Page - Diodes Incorporated AL9910ASP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AL9910/AL99
Document number
Pin Descri
Pin Name
VIN
CS
GND
Gate
PWM_D
VDD
LD
ROSC
EP PAD
Functiona
910A/AL9910
r: DS35103 Rev. 7
iptions
SO-8
SO-8
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
N/A
E
al Block Dia
U
0-5
7 - 2
8EP
1
Input volt
2
Senses L
3
Device g
4
Drives th
5
Low Freq
6
Internally
•
•
Can supp
provide s
7
Linear D
and chan
8
Oscillato
frequenc
the exter
P
Exposed
agram
NIVERSAL
ww
tage
LED string and
ground
he gate of the e
quency PWM D
y regulated sup
7.5V nominal f
10V nominal fo
ply up to 1 mA
storage when t
imming input. C
nges the avera
r control. A res
cy. The devices
rnal oscillator re
d Pad (bottom).
AL99
HIGH VOL
2 of 16
ww.diodes.com
external MOS
external MOSF
Dimming pin, a
pply voltage.
for AL9910 and
or AL9910A.
for external cir
he rectified AC
Changes the c
ge LED curren
sistor connecte
s can be switch
esistor betwee
Connect to G
910/AL
LTAGE HIG
Descriptions
SFET switch cu
ET switch.
lso Enable inpu
d AL9910-5
rcuitry. A suffic
C input is near t
urrent limit thre
nt.
ed between this
hed into consta
n ROSC pin and
GND directly un
L9910A
H BRIGHTN
s
rrent
ut. Internal 200
cient storage ca
the zero crossi
eshold at curre
s pin and groun
nt off time (PF
d the gate of th
nderneath the p
A/AL99
NESS LED
Febru
© Diodes
0k
Ω pull-down t
apacitor is used
ng.
nt sense comp
nd sets the PW
M) mode by co
he external MO
package.
910-5
DRIVER
uary 2012
Incorporated
to GND
d to
parator
WM
onnecting
OSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com