Electronic Components Datasheet Search
  English  ▼

X  

AL9910 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AL9910
Description  High Power Factor LED Replacement T8 Fluorescent Tube
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL9910 Datasheet(HTML) 4 Page - Diodes Incorporated

  AL9910 Datasheet HTML 1Page - Diodes Incorporated AL9910 Datasheet HTML 2Page - Diodes Incorporated AL9910 Datasheet HTML 3Page - Diodes Incorporated AL9910 Datasheet HTML 4Page - Diodes Incorporated AL9910 Datasheet HTML 5Page - Diodes Incorporated AL9910 Datasheet HTML 6Page - Diodes Incorporated AL9910 Datasheet HTML 7Page - Diodes Incorporated AL9910 Datasheet HTML 8Page - Diodes Incorporated AL9910 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AN75
Issue 1 – January 2011
4
www.diodes.com
© Diodes Incorporated 2010
It is advisable to keep below the maximum switching frequency f
swi(max) below 150kHz to avoid
excessive switching loss.
Inductor selection and setting the LED current
The fixed off-time architecture of the AL9910 regulates the average current through the inductor L
BUCK.
The value of L
BUCK depends on the desirable peak-to-peak ripple ΔIL in the output LED current. LBUCK
can be set with the following equation,
mH
6
.
6
mA
115
s
μ
9
.
13
V
54
I
t
V
L
L
OFF
)
nom
(
LED
BUCK
=
×
=
Δ
×
=
Due to diameter limitation of the T8 tube, L
BUCK is made up of L3 and L4 as shown in Figure 1.
The AL9910 constant off-time control loop regulates the peak inductor current I
pk. As the average
inductor current equals the average LED current, the average LED current can be regulated by
controlling I
pk.
Given a fixed inductor value, the change in the inductor current over time is proportional to the voltage
applied across the inductor. During the off-time, the voltage seen by the inductor is the LED stack
voltage. So, the peak inductor current should be regulated to,
mA
297
mH
6
.
6
s
μ
9
.
13
V
54
5
.
0
mA
240
L
t
V
5
.
0
I
I
BUCK
OFF
)
nom
(
LED
)
nom
(
LED
pk
=
×
×
+
=
×
×
+
=
The peak current is constant and set by the sense resistor R
SENSE. If the LD pin is tied to the VDD pin,
the value of R
SENSE can be easily calculated because the voltage threshold on the CS pin is 0.25V,
Ω
=
=
84
.
0
mA
297
25
.
0
RSENSE
In the circuit shown in Figure 1, R
SENSE consists of R5, R6 and R7.
The peak current rating of the L
BUCK should be greater than Ipk and the RMS current rating of the
inductor should be at least 110% of I
LED(nom).
Although the described solution, working in fixed off-time and Continuous Conduction Mode (CCM),
works as a constant current source, a limitation to the output LED current accuracy is its dependency
on the number of LEDs and overall LED chain voltage. The best result can be achieved using a fixed
number of LEDs. A variable number of LEDs results in reduced current precision.
The two extremes of the output LED current can be approximated as,
mA
234
mH
6
.
6
s
μ
9
.
13
V
59
5
.
0
-
mA
97
2
L
t
V
5
.
0
-
I
I
BUCK
OFF
(max)
LED
pk
LED(min)
=
×
×
=
×
×
=
mA
253
mH
6
.
6
s
μ
9
.
13
V
42
5
.
0
-
mA
97
2
L
t
V
5
.
0
-
I
I
BUCK
OFF
(min)
LED
pk
LED(max)
=
×
×
=
×
×
=
The above equation shows that the precision of the LED current also depends on the tolerance of
practical inductor L
BUCK. Inductor with tolerance rating equal or less than 10% should be chosen to
ensure good LED current precision at mass production.
Power MOSFET calculation
The power MOSFET is chosen based on maximum voltage stress, peak MOSFET current, total power
losses, maximum allowable working temperature and the gate driver capability of the AL9910.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com