Electronic Components Datasheet Search
  English  ▼

X  

AN3151 Datasheet(PDF) 26 Page - STMicroelectronics

Part # AN3151
Description  Digital constant-current controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3151 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button AN3151 Datasheet HTML 22Page - STMicroelectronics AN3151 Datasheet HTML 23Page - STMicroelectronics AN3151 Datasheet HTML 24Page - STMicroelectronics AN3151 Datasheet HTML 25Page - STMicroelectronics AN3151 Datasheet HTML 26Page - STMicroelectronics AN3151 Datasheet HTML 27Page - STMicroelectronics AN3151 Datasheet HTML 28Page - STMicroelectronics AN3151 Datasheet HTML 29Page - STMicroelectronics AN3151 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Experimental results
AN3151
26/34
Doc ID 17051 Rev 1
Some important information related to the power switches is also detailed. Figures 17, 18,
and 19 show some power dissipation issues and the total efficiency estimation:
Figure 17.
MOSFET turn-on zoom
Figure 18.
MOSFET turn-off zoom
MOSFET turn on zoom
Maximum power dissipation
at turn on
∼40W
MOSFET turn off zoom
Maximum Vds extra voltage is 53.4V
never achieving the avalanche
Maximum power dissipation
at turn off
∼26W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com