Electronic Components Datasheet Search
  English  ▼

X  

F1S1R Datasheet(PDF) 6 Page - NXP Semiconductors

Part # F1S1R
Description  SSL1523 high power factor 5 W LED driver for universal
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

F1S1R Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button F1S1R Datasheet HTML 2Page - NXP Semiconductors F1S1R Datasheet HTML 3Page - NXP Semiconductors F1S1R Datasheet HTML 4Page - NXP Semiconductors F1S1R Datasheet HTML 5Page - NXP Semiconductors F1S1R Datasheet HTML 6Page - NXP Semiconductors F1S1R Datasheet HTML 7Page - NXP Semiconductors F1S1R Datasheet HTML 8Page - NXP Semiconductors F1S1R Datasheet HTML 9Page - NXP Semiconductors F1S1R Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
UM10406
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
User manual
Rev. 01 — 3 August 2010
6 of 21
NXP Semiconductors
UM10406
SSL1523 5 W LED driver
The input circuit of the converter must be equipped with a filter that is partially capacitive,
in order to address the EMC requirements (see Figure 5). The combination of C1, L1 and
C2 make a filter that blocks most of the disturbance generated by the converter input
current. This filter is designed to have a limited capacitive load, so a good power factor
can be achieved. For this design, two 150 nF capacitors are incorporated, resulting in a
power factor of at least 0.9 for the nominal condition with six LEDs connected at 5 W
output power.
The board is equipped with a feedback loop to regulate the output current. This feedback
loop senses the LED current over sense resistor R10, and a current mirror is made from
transistors Q10a/Q10b. Using R18, the current level can then be set. The same feedback
loop is also used to provide overvoltage protection. If the LED voltage exceeds 33 V, a
current through R17 and D11, D12 and D13 will start running. The current through the
opto coupler IC2 will pull up the REG pin. At values above 2.7 V, the ‘on time’ of the
internal MOSFET is zero. The feedback loop has a proportional, and partially integrated
action. The gain is critical due to the phase shift caused by the converter and the output
capacitor C10. Increased gain will make the feedback loop intrinsically unstable.
The accuracy of the resulting output current will satisfy the requirements of the majority of
the 5 W LED applications with four to eight LEDs connected in series. The demo board
can be controlled by connecting the floating output of an external opto coupler (TCDT1124
or equivalent) to K4.
The demo board can be switched on and off by switching the external opto coupler.
Controlling the LED current is another option. The LED current can be regulated by
applying a PWM signal to the external input with a frequency up to 1 kHz. The PWM
frequency can be synchronized with the ripple frequency on the buffer capacitor C1 for an
optimal mains input current shape.
Fig 4.
Mains current (C2), VCC (C1), bulk capacitor input voltage (C3) and the mains voltage (C4)
019aaa135



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com