Electronic Components Datasheet Search
  English  ▼

X  

STM8S207MBT3 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STM8S207MBT3
Description  Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S207MBT3 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STM8S207MBT3 Datasheet HTML 26Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 27Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 28Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 29Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 30Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 31Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 32Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 33Page - STMicroelectronics STM8S207MBT3 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 103 page
background image
Pinouts and pin description
STM8S207xx, STM8S208xx
30/103
Doc ID 14733 Rev 12
35
-
-
-
-
PH4/TIM1_ETR
I/O X
XO1
X
X
Port H4
Timer 1 -
trigger input
36
-
-
-
-
PH5/ TIM1_CH3N I/O X
XO1
X
X
Port H5
Timer 1 -
inverted
channel 3
37
-
-
-
-
PH6/ TIM1_CH2N I/O X
XO1
X
X
Port H6
Timer 1 -
inverted
channel 2
38
-
-
-
-
PH7/ TIM1_CH1N I/O X
XO1
X
X
Port H7
Timer 1 -
inverted
channel 2
39 31 23
-
-
PE7/AIN8
I/O X
XX
O1
X
X
Port E7 Analog input 8
40 32 24 22
-
PE6/AIN9
I/O X
XX
O1
X
X
Port E6 Analog input 9
41 33 25 23 17 PE5/SPI_NSS
I/O X
XX
O1
X
X
Port E5
SPI
master/slave
select
42
-
-
-
-
PC0/ADC_ETR
I/O X
XX
O1
X
X
Port C0
ADC trigger
input
43 34 26 24 18 PC1/TIM1_CH1
I/O X
XX
HS O3
X
X
Port C1
Timer 1 -
channel 1
44 35 27 25 19 PC2/TIM1_CH2
I/O X
XX
HS O3
X
X
Port C2
Timer 1-
channel 2
45 36 28 26 20 PC3/TIM1_CH3
I/O X
XX
HS O3
X
X
Port C3
Timer 1 -
channel 3
46 37 29
-
21 PC4/TIM1_CH4
I/O X
XX
HS O3
X
X
Port C4
Timer 1 -
channel 4
47 38 30 27 22 PC5/SPI_SCK
I/O X
XX
HS O3
X
X
Port C5 SPI clock
48 39 31 28
-
VSSIO_2
S
I/O ground
49 40 32 29
-
VDDIO_2
S
I/O power supply
50 41 33 30 23 PC6/SPI_MOSI
I/O X
XX
HS O3
X
X
Port C6
SPI master
out/
slave in
51 42 34 31 24 PC7/SPI_MISO
I/O X
XX
HS O3
X
X
Port C7
SPI master in/
slave out
52 43 35 32
-
PG0/CAN_TX(2)
I/O X
XO1
X
X
Port G0
beCAN
transmit
53 44 36 33
-
PG1/CAN_RX(2)
I/O X
XO1
X
X
Port G1 beCAN receive
Table 6.
Pin description (continued)
Pin number
Pin name
Input
Output
Default
alternate
function
Alternate
function
after remap
[option bit]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com