Electronic Components Datasheet Search
  English  ▼

X  

BFC2808 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BFC2808
Description  5 mm Film Dielectric Trimmers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC2808 Datasheet(HTML) 2 Page - Vishay Siliconix

  BFC2808 Datasheet HTML 1Page - Vishay Siliconix BFC2808 Datasheet HTML 2Page - Vishay Siliconix BFC2808 Datasheet HTML 3Page - Vishay Siliconix BFC2808 Datasheet HTML 4Page - Vishay Siliconix BFC2808 Datasheet HTML 5Page - Vishay Siliconix BFC2808 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
For technical questions contact: dc-film@vishay.com
Document Number 28526
312
Revision: 11-Oct-07
BFC2 808 .....
Vishay BCcomponents
Ø 5 mm Film Dielectric Trimmers
STANDARD VERSIONS; CAPACITANCE AND RELEVANT PHYSICAL DIMENSIONS
ECONOMIC VERSIONS; RELEVANT PHYSICAL DIMENSIONS
3
+ 0.7
- 0.5
0.3
+ 0.1
0
0.4
+ 0.2
0
1.15 max.
5.6 ± 0.2
2.2 ± 0.2
3 ± 0.5
5.1 ± 0.2
1.6
± 0.2
L
W
H
∅ 2.2
0.61)
1)
0.5
1.3
P
Trimmers BFC2 808 ..... series, with round head
Hole pattern
Dimensions in millimeters
Cmin/Cmax
(pF)
Hmax
(mm)
Wmax
(mm)
Lmax
(mm)
0.35/1.5
7.0
5.5
7.3
1.5/5
7.0
5.5
7.3
3/10
7.0
5.5
7.3
3/15
8.8
5.5
7.3
4/20
8.8
5.5
7.3
4/27
9.0
6.2
7.8
TYPE OF HEAD
Hmax
(mm)
Wmax
(mm)
Lmax
(mm)
Round
7.7
5.5
7.3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com