Electronic Components Datasheet Search
  English  ▼

X  

420LE35 Datasheet(PDF) 1 Page - Protek Devices

Part # 420LE35
Description  TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

420LE35 Datasheet(HTML) 1 Page - Protek Devices

  420LE35 Datasheet HTML 1Page - Protek Devices 420LE35 Datasheet HTML 2Page - Protek Devices 420LE35 Datasheet HTML 3Page - Protek Devices 420LE35 Datasheet HTML 4Page - Protek Devices 420LE35 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05048.R5 9/12
Page 1
420LB28 - 420LE60
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
DEsCRIPTION
The 420LE/B series is a two stage transient voltage protector providing primary and secondary protection against
lightning, inductive switching and electrostatic discharge (ESD) transient threats. The first stage diverts the transient
current through the ground terminal return path and the second stage clamps the voltage to a safe level without inter-
ruption of service.
The 420LE/B series is designed to protect data lines from differential (line to line) and common mode (line to ground)
transients. Terminals 1 and 2, 3 and 4 for the 420LE and pins 2 and 3, 4, and 5 for the 420LB are designated as line
pairs. Each line pair is referenced to ground. A transient voltage suppressor is connected across each line pair for dif-
ferential mode protection. Each line pair is referenced to ground.
This product can also be used on telephone, signal/data lines, security, timing and control interface circuits. For most
applications, the product should be located as close as possible to the equipment being protected. A low impedance
grounding system is important to maintain a low voltage clamp between the line-to-ground connection.
FEATuREs
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 95A, 8/20µs, Level 4 (Line-
Gnd) & 48A, Level 4 (Line-Line)
• Designed for 4-20mA Current Loops
• Automatic Reset - Does Not Interrupt Service
• Permanent Two-Stage Line Pair Protection
• Common Mode & Differential Mode Protection
• Subnanosecond Response Time
• Effective Against Lightning, Inductive Switching and ESD
MEChANICAL ChARACTERIsTICs
• Approximate Weight: 28 grams (420LB) & 142 grams (420LE)
• Flammability Rating UL 94V-0
APPLICATIONs
• Multi-Process Control Loops
• Fire & Security Systems
• Petro-Chemical Plants
• Refineries & Tank Farms
420LB
420LE


Similar Part No. - 420LE35

ManufacturerPart #DatasheetDescription
logo
Protek Devices
420LE35 PROTEC-420LE35 Datasheet
128Kb / 3P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
420LE35 PROTEC-420LE35 Datasheet
445Kb / 5P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
More results

Similar Description - 420LE35

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
XTR115 BURR-BROWN-XTR115 Datasheet
81Kb / 7P
4-20mA CURRENT LOOP TRANSMITTERS
logo
Protek Devices
420LE28 PROTEC-420LE28 Datasheet
128Kb / 3P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
logo
Texas Instruments
XTR117 TI-XTR117 Datasheet
187Kb / 11P
4-20mA Current-Loop Transmitter
logo
Protek Devices
420E212 PROTEC-420E212 Datasheet
55Kb / 3P
DUAL 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_11 Datasheet
353Kb / 5P
dual 4-20mA CONTROL LOOP PROTECTOR
420LB28 PROTEC-420LB28 Datasheet
445Kb / 5P
TWO LINE PAIR 4-20mA CONTROL LOOP PROTECTOR
420E212 PROTEC-420E212_12 Datasheet
355Kb / 5P
DUAL 4-20mA CONTROL LOOP PROTECTOR
logo
Texas Instruments
XTR115 TI1-XTR115 Datasheet
259Kb / 13P
4-20mA CURRENT LOOP TRANSMITTERS
logo
List of Unclassifed Man...
ISO4-20MA ETC2-ISO4-20MA Datasheet
481Kb / 3P
4-20mA Current Loop Isolator
logo
Protek Devices
420E212 PROTEC-420E212_13 Datasheet
299Kb / 4P
Dual 4-20mA CONTROL LOOP PROTECTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com