Electronic Components Datasheet Search
  English  ▼

X  

SB5H90 Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SB5H90
Description  High Voltage Schottky Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SB5H90 Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SB5H90 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SB5H90 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 of 2
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
90V-100V
5.0A
SB5H90 THRU SB5H100
High Voltage Schottky Rectifiers
0.3
0.2
0.4 0.5
0.7 0.8
1.0 1.1
0.1
0.9
1.2
0.6
Instantaneous Forward Voltage (V)
Fig. 3 – Typical Instantaneous Forward
Characteristics
20
60
40
100
80
Fig. 4 – Typical Reverse
Characteristics
Percent of Rated Peak Reverse Voltage,
%
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
10000
TJ = 25°C
TJ = 100°C
TJ = 125°C
TJ = 150°C
TJ = 150°C
TJ = 175°C
TJ = 125°C
TJ = 100°C
TJ = 25°C
1
0.1
100
10
Reverse Voltage (V)
Fig. 6 – Typical Junction Capacitance
10
100
1000
10000
0
3.0
4.0
5.0
6.0
0
25
50
75
100
125
150
200
Fig. 1 – Forward Current
Derating Curve
Case Temperature (°C)
2.0
1.0
175
0.1
1
10
0.1
10
1
100
100
0
Fig. 5 - Typical Transient
Thermal Impedance
t, Pulse Duration (sec.)
1
10
100
40
80
120
0
240
200
160
Fig. 2 - Maximum Non-repetitive Peak
Forward Surge Current
Number of Cycles at 60 Hz
TJ = TJ max.
8.3ms single half sine-wave
(JEDEC Method)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com