Electronic Components Datasheet Search
  English  ▼

X  

DALC112S1 Datasheet(PDF) 3 Page - Protek Devices

Part # DALC112S1
Description  ULTRA LOW CAPACITANCE STEERING DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DALC112S1 Datasheet(HTML) 3 Page - Protek Devices

  DALC112S1 Datasheet HTML 1Page - Protek Devices DALC112S1 Datasheet HTML 2Page - Protek Devices DALC112S1 Datasheet HTML 3Page - Protek Devices DALC112S1 Datasheet HTML 4Page - Protek Devices DALC112S1 Datasheet HTML 5Page - Protek Devices DALC112S1 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05177.R5 9/12
Page 3
DALC112S1
tyPiCAL DeviCe ChARACteRiStiCS
FiguRe 2
non-RePetitive PeAk PuLSe CuRRent CAPABiLity
Square wave Pulse - ms
0.001
0.01
0.1
1
10
100
8
0
2
4
6
FiguRe 3
tyPiCAL Low CuRRent FoRwARD voLtAge DRoP
Forward voltage Drop - mv
600
800
1000
1200
0
40
80
120
160
200
T
A = 25°C
Single Pulse
See Figure 1
FiguRe 4
Low FoRwARD CuRRent vS FoRwARD voLtAge
Forward voltage Drop - v
0
1
2
3
0
1
2
3
4
5
T
A = 25°C
Single Pulse
See Figure 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com