Electronic Components Datasheet Search
  English  ▼

X  

3003 Datasheet(PDF) 93 Page - NXP Semiconductors

Part # 3003
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

3003 Datasheet(HTML) 93 Page - NXP Semiconductors

Back Button 3003 Datasheet HTML 89Page - NXP Semiconductors 3003 Datasheet HTML 90Page - NXP Semiconductors 3003 Datasheet HTML 91Page - NXP Semiconductors 3003 Datasheet HTML 92Page - NXP Semiconductors 3003 Datasheet HTML 93Page - NXP Semiconductors 3003 Datasheet HTML 94Page - NXP Semiconductors 3003 Datasheet HTML 95Page - NXP Semiconductors 3003 Datasheet HTML 96Page - NXP Semiconductors 3003 Datasheet HTML 97Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 130 page
background image
94
NXP Semiconductors RF Manual 16th edition
(1)
Frequency range: minimum and maximum frequency in MHz at which data are characterized (@ Ch / @ Vo)
(2)
FL is flatness of frequency response
(3)
The number of channels and the output voltage at which CTB, X
mod, CSO, IMD2, and IMD3 are characterized, are @ fmax
(4)
S is minimum responsivity of optical receivers
3.6.3 CATV power doublers
Type
Frequency
range (MHz) (1)
Gain
(dB)
Slope
(dB)
FL
(dB) (1)
RL
IN/RLOUT
(dB)
CTB (dB) (3)
X
mod
(dB) (3)
CSO (dB) (3)
@ Ch
@ Vo
(dBmV)
NF @ f
max
(dB)
I
tot
(mA)
BGD712
40 - 750
18.2 - 18.8
0.5 - 1.5
0.35
17 / 17
-62
-63
-63
112
44
7
395
BGD712C
18.2 - 18.8
0.5 - 1.5
0.35
17 / 17
-62
-63
112
44
7
410
BGD714
20 - 20.6
0.5 - 1.5
0.35
23 / 23
-61
-62
-62
112
44
7
395
BGD812
40 - 870
18.2 - 18.8
0.4 - 1.4
0.5
25 / 23
-57
-62
-58
132
44
7.5
395
BGD814
19.7 - 20.3
0.5 - 1.5
0.5
25 / 24
-56
-61
-57
132
44
7.5
395
BGD816L
21.2 - 21.8
0.5 - 1.5
0.5
22 / 25
-55
-58
-56
132
44
7.5
360
CGD942C
22 - 24
1 - 2
0.5
20 / 20
-66
-66
-66
98
48
3.5
450
CGD944C
24 - 26
1 - 2
0.5
20 / 20
-66
-66
-66
98
48
3.5
450
CGD1040HI
40 - 1003
19.5 - 22
0.5 - 2
1
20 / 20
-70
-66
-76
79
58.4
5.5
440
CGD1042HI
22 - 23.5
0.5 - 2
1
20 / 20
-70
-65
-75
79
58.4
5.5
440
CGD1044HI
23.5 - 25.5
0.5 - 2
1
20 / 20
-70
-64
-75
79
58.4
5
440
CGD1046HI
26.5 - 28
0.7 - 2.2
1
20 / 20
-75
-68
-70
79
56.4
5
450
CGD1042H
22 - 24
1.5
0.5
20 / 21
-75
-67
-76
79
59
5
450
CGD1044H
24 - 26
1
0.5
20 / 21
-75
-67
-76
79
59
5
450
CGD982HCI
22 - 24
0.5 - 2
1
20 / 20
-66
-68
-69
98
48
5.5
440
CGD985HCI
23.5 - 25.5
0.5 - 2
1
20 / 20
-66
-68
-69
98
48
5
440
CGD987HCI
26 - 28
0.7 - 2
1
20 / 20
-66
-68
-66
98
48
5
440
3.6.4 CATV optical receivers
Type
Frequency
range (MHz)(1)
S
(V/W) (4)
Slope
(dB)
FL
(dB) (1)
RL
OUT
(dB)
IMD3
(dB) (3)
IMD2
(dB) (3)
@ f
measured
(MHz)
@ P
i(opt)
(mW)
NF @ f
max
(dB)
I
tot
(mA)
Connectors
BGO807C
40 - 870
750
0 - 2
1
11
-71
-55
854.5
1
8.5
205
FC and SC
BGO807CE
750
0 - 2
1
11
-69
-53
854.5
1
8.5
205
FC and SC
3.6.5 CATV reverse hybrids
Type
Frequency
range (MHz)(1)
Gain
(dB)
Slope
(dB)
FL
(dB) (1)
RL
IN/RLOUT
(dB)
CTB
(dB) (3)
X
mod
(dB) (3)
CSO
(dB) (3)
@ Ch
@ Vo
(dBmV)
NF @ f
max
(dB)
I
tot
(mA)
BGY68
5 - 75
29.2 - 30.8
-0.2 - 0.5
0.2
20 / 20
-68
-60
4
50
3.5
135
BGY66B
5 - 120
24.5 - 25.5
-0.2 - 0.5
0.2
20 / 20
-66
-54
14
48
5
135
BGY67
5 - 200
21.5 - 22.5
-0.2 - 0.5
0.2
20 / 20
-67
-60
22
50
5.5
215
BGY67A
23.5 - 24.5
-0.2 - 0.5
0.2
20 / 20
-67
-59
22
50
5.5
215
BGR269
34.5 - 35.5
-0.2 - 0.6
0.5
20 / 20
-57
-50
-66
28
50
5.5
160
Bold = highly recommended product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com