Electronic Components Datasheet Search
  English  ▼

X  

ESOT3.3LC-2 Datasheet(PDF) 2 Page - Protek Devices

Part # ESOT3.3LC-2
Description  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESOT3.3LC-2 Datasheet(HTML) 2 Page - Protek Devices

  ESOT3.3LC-2 Datasheet HTML 1Page - Protek Devices ESOT3.3LC-2 Datasheet HTML 2Page - Protek Devices ESOT3.3LC-2 Datasheet HTML 3Page - Protek Devices ESOT3.3LC-2 Datasheet HTML 4Page - Protek Devices ESOT3.3LC-2 Datasheet HTML 5Page - Protek Devices ESOT3.3LC-2 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05183.R4 9/12
Page 2
ESOT3.3LC-2
TYPICAL DEVICE ChARACTERISTICS
mAXImum RATINGS @ 25°C unless Otherwise Specified
PARAmETER
SYmBOL
VALuE
uNITS
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
175
Watts
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Current (tp = 8/20µs)
I
PP
5
Amps
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C unless Otherwise Specified
PART
NumBER
(Note 1)
DEVICE
mARkING
RATED
STAND-OFF
VOLTAGE
V
Wm
VOLTS
mINImum
BREAkDOWN
VOLTAGE
@ 1mA
V
(BR)
VOLTS
mAXImum
SNAP BACk
VOLTAGE
@ I
SB = 50mA
V
SB
VOLTS
mAXImum
CLAmPING
VOLTAGE
(Fig. 2)
@ I
P = 1A
V
C
VOLTS
mAXImum
LEAkAGE
CuRRENT
@V
Wm
I
D
µA
TYPICAL
CAPACITANCE
@0V, 1mhz
C
pF
ESOT3.3LC-2
E3
3.3
3.5
3.3
6.5
2
15
NOTES
1. Test between pins 2 to 3 and 1 to 3.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com