Electronic Components Datasheet Search
  English  ▼

X  

ESOT3.3LCC Datasheet(PDF) 1 Page - Protek Devices

Part # ESOT3.3LCC
Description  LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ESOT3.3LCC Datasheet(HTML) 1 Page - Protek Devices

  ESOT3.3LCC Datasheet HTML 1Page - Protek Devices ESOT3.3LCC Datasheet HTML 2Page - Protek Devices ESOT3.3LCC Datasheet HTML 3Page - Protek Devices ESOT3.3LCC Datasheet HTML 4Page - Protek Devices ESOT3.3LCC Datasheet HTML 5Page - Protek Devices ESOT3.3LCC Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05178.R4 9/12
Page 1
ESOT3.3LCC
LOW CAPACITANCE TVS ARRAY
DESCRIPTION
The ESOT3.3LCC, a high frequency, transient suppression protector of wireless telecommunications applications for
portable devices. This device is packaged in a SOT-23 plastic case and is available in a 3.3 volt, bidirectional configura-
tion.
Due to its low capacitance, the ESOT3.3LCC is ideal protection of Ethernet or USB port interfaces against the effects of
electrostatic discharge (ESD) and electrical fast transients (EFT). This device meets the requirements of IEC 61000-4-2
and IEC 61000-4-4.
FEATuRES
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• 50 Watts Peak Pulse Power per Line(tp = 8/20µs)
• Protects One Bidirectional Line
• Bidirectional Configuration
• Low Leakage Current < 2.0µA
• Low Capacitance > 15pF
• RoHS Compliant
• REACH Compliant
mEChANICAL ChARACTERISTICS
• Molded JEDEC SOT-23 Package
• Approximate Weight: 8 milligrams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• Flammability Rating UL 94V-0
• 8mm Tape and Reel per EIA Standard 481
APPLICATIONS
• Ethernet - 10/100/1000 Base T
• USB Ports
• Cellular Phones
• Audio/Video Inputs
• SMART Phones
• E1/T1 & E3/T3
PIN CONFIGuRATION
SOT-23 PACkAGE
2
3
1


Similar Part No. - ESOT3.3LCC

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ESOT3.3LCC PROTEC-ESOT3.3LCC Datasheet
90Kb / 3P
LOW CAPACITANCE TVS ARRAY
ESOT3.3LCC PROTEC-ESOT3.3LCC Datasheet
62Kb / 3P
LOW CAPACITANCE TVS ARRAY
ESOT3.3LCC PROTEC-ESOT3.3LCC_07 Datasheet
62Kb / 3P
LOW CAPACITANCE TVS ARRAY
ESOT3.3LCC PROTEC-ESOT3.3LCC_10 Datasheet
592Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results

Similar Description - ESOT3.3LCC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
LOW CAPACITANCE TVS ARRAY
logo
Protek Devices
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
LOW CAPACITANCE TVS ARRAY
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
LOW CAPACITANCE TVS ARRAY
PAM06SC7905S PROTEC-PAM06SC7905S Datasheet
437Kb / 6P
LOW CAPACITANCE TVS ARRAY
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com