Electronic Components Datasheet Search
  English  ▼

X  

BLF884PS Datasheet(PDF) 52 Page - NXP Semiconductors

Part # BLF884PS
Description  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BLF884PS Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button BLF884PS Datasheet HTML 48Page - NXP Semiconductors BLF884PS Datasheet HTML 49Page - NXP Semiconductors BLF884PS Datasheet HTML 50Page - NXP Semiconductors BLF884PS Datasheet HTML 51Page - NXP Semiconductors BLF884PS Datasheet HTML 52Page - NXP Semiconductors BLF884PS Datasheet HTML 53Page - NXP Semiconductors BLF884PS Datasheet HTML 54Page - NXP Semiconductors BLF884PS Datasheet HTML 55Page - NXP Semiconductors BLF884PS Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 130 page
background image
53
NXP Semiconductors RF Manual 16th edition
bra822
(N + 1)
RF switch
CGD104xHi
H
L
OUT
port 1
CGD104xHi
H
L
OUT
port 2
CGD104xHi
H
L
OUT
port 3
CGD104xHi
H
L
OUT
port 4
EQ
PAD
PAD
PAD
PAD
PAD
CATV1GHzpowerdoublers
Parameters
CGD1040Hi
CGD1042H
CGD1042Hi
CGD1044H
CGD1044Hi
CGD1046Hi
Power gain (dB)
Typ
21
23
23
25
25
27
Slope cable equivalent (dB)
Typ
1.5
1.5
1.5
1
1.5
0.5 - 2.0
Composite triple beat (dB)
Typ
-69
-69
-69
-69
-69
-73
Composite 2nd order distortion (dB)
Typ
-68
-68
-68
-68
-68
-68
Noise (@ f
max) (dB)
Max
6
6
6
6
6
5
Total current consumption (mA)
Typ
440
450
440
450
440
460
Frequency range (MHz)
Range
40 - 1003
40 - 1003
40 - 1003
40 - 1003
40 - 1003
40 - 1003
CATV1GHzpush-pulls
Parameters
CGY1041
CGY1043
CGY1047
CGY1049
CGY1032
Power gain (dB)
Typ
22
24
28
30
33
Slope cable equivalent (dB)
Typ
2
2
2
1.6
1.8
Composite triple beat (dB)
Typ
-62
-62
-64
-62
-62
Composite 2nd order distortion (dB)
Typ
-64
-64
-66
-64
-64
Noise (@ f
max) (dB)
Max
5
5
4.5
5
5
Total current consumption (mA)
Typ
250
250
250
250
265
Frequency range (MHz)
Range
40 - 1003
40 - 1003
40 - 1003
40 - 1003
40 - 1003
CATV 1 GHz power doublers
CATV 1 GHz push-pulls
An optical node with multiple out-ports using the CGD1040Hi / CGD1042Hi / CGD1044Hi / CGD1046Hi
Upcoming products
Additional push-pulls, currently under development, will
extend the capabilities of the power doublers even further,
supporting almost all modern HFC applications. The push-pull
CGY1041 will deliver a gain of 21 dB, the CGY1043 a gain of
23 dB, the CGY1049 a gain of 29 dB and the CGY1032 a gain of
32 dB. NXP is also developing a new, highly integrated power
doubler. The CGD1046Hi will deliver, in one IC, a 26 dB power
gain with 60 dBmV output power and excellent ESD protection,
for the ultimate in high-quality, distortionless devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com