Electronic Components Datasheet Search
  English  ▼

X  

CXB1585N Datasheet(PDF) 5 Page - Sony Corporation

Part # CXB1585N
Description  Fibre Channel Repeater
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1585N Datasheet(HTML) 5 Page - Sony Corporation

  CXB1585N Datasheet HTML 1Page - Sony Corporation CXB1585N Datasheet HTML 2Page - Sony Corporation CXB1585N Datasheet HTML 3Page - Sony Corporation CXB1585N Datasheet HTML 4Page - Sony Corporation CXB1585N Datasheet HTML 5Page - Sony Corporation CXB1585N Datasheet HTML 6Page - Sony Corporation CXB1585N Datasheet HTML 7Page - Sony Corporation CXB1585N Datasheet HTML 8Page - Sony Corporation CXB1585N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
– 5 –
CXB1585N
9
REFCLK
TTL
input
TTL level
Reference clock input.
This pin is used for
the PLL to take the
frequency.
Input 53.125MHz to
this pin.
VEET
VCCG
TTL_IN
VEET
10
VEET
Power
supply
0V
Negative power supply
for REFCLK input.
11
VEEP
Power
supply
0V
Negative power supply
for internal PLL.
12
REXT
External
parts
connection
pin
—
Connects the resistor
which determines the
VCO center
frequency.
4.7k
Ω resistor should
be connected
between this pin and
VEEP.
VCCP
VEEP
REXT
13,
14
LPFNEG
LPFPOS
External
parts
connection
pin
—
Connects the
external loop filter.
VCCP
VEEP
LPF_A
LPF_B
7, 8
TDIN
TDIN∗
ECL
input
ECL level
Serial data input.
VCCE
VEEE
ECL_IN
ECL_IN∗
VCCG
VEEG
VCCE – 1.3V
Pin
No.
Symbol
Type
Typical pin
I/O voltage
Equivalent circuit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com