Electronic Components Datasheet Search
  English  ▼

X  

CPSM Datasheet(PDF) 1 Page - Vishay Siliconix

Part # CPSM
Description  Wirewound Resistors, Commercial Power, Surface Mount
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPSM Datasheet(HTML) 1 Page - Vishay Siliconix

  CPSM_12 Datasheet HTML 1Page - Vishay Siliconix CPSM_12 Datasheet HTML 2Page - Vishay Siliconix CPSM_12 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CPSM
www.vishay.com
Vishay Dale
Revision: 22-Dec-11
1
Document Number: 30106
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Commercial Power, Surface Mount
FEATURES
• Direct mounting on printed circuit board
• High
wattage
capabilities,
low
board
temperatures
• Meets or exceeds EIA-RS-344 requirements
• Special
inorganic
potting
compound
and
ceramic case provide high thermal conductivity
in a fireproof package
• Superior surge capability
• Compliant to RoHS Directive 2002/95/EC
Notes
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P40 °C
W
RESISTANCE
RANGE
Ω
TOLERANCE
± %
WEIGHT
(typical)
g
CPSM03
CPSM-3
3
0.1 to 1K
5, 10
5.5
CPSM05
CPSM-5
5
0.1 to 1K
5, 10
6.5
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CPSM RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 300 for 1.0
Ω and above; ± 600 below 1.0 Ω
Short Time Overload
-
5 x rated power for 5 s
Operating Temperature
°C
- 65 to + 275
Dielectric Withstanding Voltage
VAC
1000
Maximum Working Voltage
V
(
P x R)1/2
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: CPSM0315R00JB31
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
CPSM03
CPSM05
R = Decimal
K = Thousand
R1500 = 0.15
Ω
100R0 = 100
Ω
1K000 = 1 k
Ω
H = ± 3.0 %
J = ± 5.0 %
K = ± 10 %
E31 = Lead(Pb)-free,
4 layer bulk
B31 =Tin/lead,
4 layer bulk
(Dash number)
(Up to 3 digits)
From 1 to 999
as applicable
Historical Part Numbering example: CPSM-3 15
Ω 5 % B31
CPSM-3
15
Ω
5 %
B31
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
CM
0
3
1
S
P
5
R
0
0JB
3
1


Similar Part No. - CPSM_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPSM-3 VISHAY-CPSM-3 Datasheet
94Kb / 2P
Wirewound Resistors, Commercial Power, Surface Mount
07-Feb-02
CPSM-5 VISHAY-CPSM-5 Datasheet
94Kb / 2P
Wirewound Resistors, Commercial Power, Surface Mount
07-Feb-02
More results

Similar Description - CPSM_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
Wirewound Resistors, Commercial Power, Surface Mount
07-Feb-02
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
05-Apr-11
logo
Bourns Electronic Solut...
PWR4525W7R50JE BOURNS-PWR4525W7R50JE Datasheet
212Kb / 2P
Surface Mount Wirewound Power Resistors
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
Surface Mount Wirewound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com