Electronic Components Datasheet Search
  English  ▼

X  

RCMS02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCMS02
Description  Molded Metal Film High Stability Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMS02 Datasheet(HTML) 1 Page - Vishay Siliconix

  RCMS02 Datasheet HTML 1Page - Vishay Siliconix RCMS02 Datasheet HTML 2Page - Vishay Siliconix RCMS02 Datasheet HTML 3Page - Vishay Siliconix RCMS02 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Document Number: 52007
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 02-Oct-09
165
Molded Metal Film High Stability Resistors
RCMS02, RCMS05, RCMS1
Vishay Sfernice
FEATURES
• 0.125 W to 0.5 W at 70 °C
• Approval according to CECC 40 101 (002/803)
• High long term stability drift < 0.5 % after 1000 h
• Excellent temperature coefficient ≤ ± 30 ppm/°C in the
range - 10 °C to 70 °C
• Excellent initial precision: Up to ± 1 %
• High insulation typical values: 106 MΩ
• Termination = Pure matte tin
• Compliant to RoHS directive 2002/95/EC
Note
•
Undergoes European Quality Insurance System (CECC)
DIMENSIONS in millimeters
SERIES
AND
STYLES
AØ B
Ø C
UNIT WEIGHT
IN g
RCMS02
6.5 ± 0.2
2.5 - 0
- 0.2
0.6
0.26
RCMS05
10.2 ± 0.2
3.65 ± 0.1
0.6
0.46
RCMS1
16 ± 0.5
6.2 ± 0.2
0.8
1.30
A
25 min.
25 min.
Ø B
Ø C
TECHNICAL SPECIFICATIONS
VISHAY SFERNICE SERIES
RCMS02
RCMS05
RCMS1
Reference under CECC 40 101-002 approvals
RS58Y
RS64Y
RS71Y
RS63Y
RS69Y
RS68Y
Reference under CECC 40 101-803 approvals
BC
-
-
CC
-
DC
MIL-R-105509 F equivalent reference
RN55C
-
-
RN60C
-
RN65C
Power Rating at 70 °C
0.125 W
0.250 W
0.500 W
0.250 W
0.500 W
0.500 W
Resistance Value Range
in Relation to Tolerance
± 1 % E96
1
Ω to
332 k
Ω
1
Ω to
332 k
Ω
1
Ω to
332 k
Ω
1
Ω to
1 M
Ω
1
Ω to
1 M
Ω
1
Ω to
2.21 M
Ω
Maximum Voltage
300 V
300 V
350 V
350 V
350 V
400 V
Critical Resistance
-
-
-
490 k
Ω
245 k
Ω
320 k
Ω
Temperature
Coefficient
Rated
in the range - 55 °C + 155 °C
K3
≤ ± 50 ppm/°C
Typical
in the range - 10 °C + 70 °C
K3
≤ ± 30 ppm/°C
Insulation Resistance (Typical)
≥ 107 MΩ (500 VDC)
Voltage Coefficient
10 ppm/V
Environmental Specification
- 65 °C/+ 155 °C/56 days


Similar Part No. - RCMS02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
RCMS0210002FHA20 VISHAY-RCMS0210002FHA20 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
RCMS0210002FHA22 VISHAY-RCMS0210002FHA22 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
RCMS0210002FHS09 VISHAY-RCMS0210002FHS09 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
RCMS0210002FHS14 VISHAY-RCMS0210002FHS14 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results

Similar Description - RCMS02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PMA0207 VISHAY-PMA0207 Datasheet
108Kb / 4P
Metal Film Resistors, Precision, High Stability
05-Aug-02
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
RCMX02 VISHAY-RCMX02 Datasheet
134Kb / 3P
Molded Metal Film High Ohmic Value Resistors
05-Aug-13
RCMA VISHAY-RCMA Datasheet
149Kb / 4P
Molded Metal Film Very High Stability and Precision Resistors
12-Sep-14
logo
HOKURIKU ELECTRIC INDUS...
E011201 HOKURIKU-E011201 Datasheet
70Kb / 2P
High Stability Insulated Metal Film Fixed Resistors
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
Metal Film Resistors, High Precision, High Stability, Surface Mount
13-Jul-12
PTF VISHAY-PTF Datasheet
156Kb / 4P
Metal Film Resistors, High Precision, High Stability
15-Nov-12
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com