Electronic Components Datasheet Search
  English  ▼

X  

SPR2213 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SPR2213
Description  Wirewound Resistors, Special Purpose, Commercial, High Power
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SPR2213 Datasheet(HTML) 1 Page - Vishay Siliconix

  SPR2213 Datasheet HTML 1Page - Vishay Siliconix SPR2213 Datasheet HTML 2Page - Vishay Siliconix SPR2213 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Document Number: 30224
For technical questions, contact: ww2aresistors@vishay.com
www.vishay.com
Revision: 04-Feb-11
1
Wirewound Resistors, Special Purpose,
Commercial, High Power
SPR2213, SPR2214
Vishay Dale
FEATURES
• High power/size ratio
• Quick connect terminals
• Complete welded construction
• High surge capability
• Non-inductive styles available
• Special inorganic potting compound and ceramic case
provide high thermal conductivity in a fireproof package
• SPR2214 is available with a center terminal option
• Compliant to RoHS Directive 2002/95/EC
Note
(1) Recommended heat sink is 12" x 12" x 0.125" thick aluminum panel (294 sq. in. surface area)
Note
• Brackets used with “D” packaging code are not RoHS/Green compliant
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER RATING
P25 °C
W
WITHOUT HEAT SINK
POWER RATING
P25 °C
W
WITH HEAT SINK (1)
RESISTANCE RANGE
TOLERANCE
± %
SPR2213
SPR-2213
40
70
0.5 to 24K
5, 10
SPR2214
SPR-2214
50
100
1.0 to 44K
5, 10
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
SPR2213, SPR2214 RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 30 10
 and above; ± 50 below 10 
Short Time Overload
-
10 x rated power for 5 s
Maximum Working Voltage
V
(P x R)1/2
Operating Temperature Range
°C
- 65 to + 275
Dielectric Withstanding Voltage
VAC
2500
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: SPR221375R000JD
GLOBAL MODEL
VALUE
TOLERANCE
PACKAGING
SPECIAL
SPR2213
SPR2214
R = Decimal
K = Thousand
R15000 = 0.15
1K5000 = 1500
J = ± 5.0 %
K = ± 10.0 %
D = Skin pack (S51)
K = RoHS compliant,
skin pack (E51)
(Dash Number)
(up to 2 digits)
From 1 to 99 as
applicable
Historical Part Numbering example: SPR-2213 75
 5 % S51
SPR-2213
75
5 %
S51
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
* Pb containing terminations are not RoHS compliant, exemptions may apply
** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902
2213
5
R
0
7
PR
00J
S
D


Similar Part No. - SPR2213

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SPR22 DEC-SPR22 Datasheet
536Kb / 2P
2 AMP SUPER-EFFICIENT RECTIFIERS/ULTRAFAST RECOVERY DIODES
logo
Vishay Siliconix
SPR2232 VISHAY-SPR2232 Datasheet
61Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
SPR223225R000JD VISHAY-SPR223225R000JD Datasheet
61Kb / 2P
Wirewound, 300 W Liquid Cooled Load Resistor
13-Aug-14
logo
SeCoS Halbleitertechnol...
SPR22N10 SECOS-SPR22N10 Datasheet
347Kb / 4P
N-Channel Enhancement Mode Power MOSFET
SPR22N10 SECOS-SPR22N10_15 Datasheet
347Kb / 4P
N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - SPR2213

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CPCL VISHAY-CPCL Datasheet
100Kb / 2P
Wirewound Resistors, Commercial Power, Vertical Mount
28-Aug-02
CPSM VISHAY-CPSM Datasheet
94Kb / 2P
Wirewound Resistors, Commercial Power, Surface Mount
07-Feb-02
logo
Welwyn Components Limit...
PW-2 WELWYN-PW-2 Datasheet
147Kb / 4P
General Purpose Power Wirewound Resistors
logo
Vishay Siliconix
CP002M VISHAY-CP002M Datasheet
227Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
05-Apr-11
CPSM VISHAY-CPSM_12 Datasheet
78Kb / 3P
Wirewound Resistors, Commercial Power, Surface Mount
22-Dec-11
CPW VISHAY-CPW Datasheet
99Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
09-Jan-12
CSPR VISHAY-CSPR Datasheet
98Kb / 2P
Customer Special Resistors in Enclosures (CSPR), Wirewound Resistors, Industrial Power, Tubular, Fixed, Adjustable, Enclosure, EDG, RD, RB
31-Jul-14
CPR VISHAY-CPR Datasheet
459Kb / 4P
Wirewound/Metal Oxide Resistors, Commercial Power, Radial Terminals
05-Feb-2020
CA0001 VISHAY-CA0001 Datasheet
86Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
05-Feb-2020
CA VISHAY-CA Datasheet
98Kb / 3P
Wirewound Resistors, Commercial Power, Axial Lead
18-Feb-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com