Electronic Components Datasheet Search
  English  ▼

X  

BL8580PRC Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL8580PRC
Description  CMOS based White/Blue LED driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8580PRC Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL8580PRC Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8580PRC Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8580PRC Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8580PRC Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8580PRC Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8580PRC Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8580PRC Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
http://www.belling.com.cn
- 1 -
Total 7 Pages
BL8580/1
■ FEATURES
No external component required
PWM dimming control available
Low noise and EMI
LED sink current of 20mA
Independent current sink circuit for each LED
output
Versatile supply voltage range
Low standby current
High accuracy current match on each channel
■ APPLICATIONS
Small Size Color LCD Backlights Driver
Mobile
Phone,
Portable
Device
Keypad
Backlights Driver
■ DESCRIPTOIN
The
BL8580/1
is
a
CMOS
based
White/Blue LED driver with stand-alone
capability. The driver is primarily designed
for
LED
backlighting
of
LCD
display
powered by Li-ion battery With its high
efficiency, low standby current and wide
range of input supply voltage, the BL8580/1
is suitable for applications such as portable
device display and keypad backlighting.
In
portable
application,
three
or
four-channel LED solutions are popular.
BL8580 has three LED channels with a
SOT-23-6 package. BL8581 has four LED
channels with a SOP-8 package.
■ TYPICAL APPLICATION
■ ORDERING INFORMATION
BL8580PRC
SOT-23-6
3 Channel
Pb free
3k/reel
-25~125
°C
BL8581PS
SOP-8
4 Channel
Pb free
2.5k/reel
-25~125
°C


Similar Part No. - BL8580PRC

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8581A BELLING-BL8581A Datasheet
392Kb / 7P
PWM or Singl-Wire Dimming, 4-Channels WLED Linear Driver
BL8582 BELLING-BL8582 Datasheet
181Kb / 6P
Single-Wire Dimming, 3-Channels WLED Linear Drive
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
6-Channels WLED Linear Driver
BL8585 BELLING-BL8585 Datasheet
168Kb / 6P
WIDE RANGE, LINEAR LED DRIVER
BL8587 BELLING-BL8587 Datasheet
283Kb / 8P
High Efficiency Charge Pump 4-Channels LED Driver
More results

Similar Description - BL8580PRC

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT32 CATALYST-CAT32 Datasheet
193Kb / 14P
CMOS White LED Driver
CAT32 CATALYST-CAT32_08 Datasheet
296Kb / 14P
CMOS White LED Driver
logo
ON Semiconductor
CAT32TDI-T3 ONSEMI-CAT32TDI-T3 Datasheet
473Kb / 13P
CMOS White LED Driver
Doc. No. MD-5005 Rev. V
logo
ELM Technology Corporat...
ELM900B-S ELM-TECH-ELM900B-S Datasheet
54Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32 Datasheet
194Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
CAT32EKT ONSEMI-CAT32EKT Datasheet
172Kb / 11P
CMOS White LED Driver
March, 2010 ??Rev. 4
logo
ELM Electronics
ELM900 ELM-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
logo
ON Semiconductor
CAT32 ONSEMI-CAT32_14 Datasheet
134Kb / 11P
CMOS White LED Driver
April, 2014 ??Rev. 5
logo
Copal Electronics
W-52 COPAL-W-52 Datasheet
194Kb / 11P
CMOS White LED Driver
logo
ELM Technology Corporat...
ELM900 ELM-TECH-ELM900 Datasheet
632Kb / 2P
CMOS White LED flashlight driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com