Electronic Components Datasheet Search
  English  ▼

X  

MAD1107 Datasheet(PDF) 4 Page - Protek Devices

Part # MAD1107
Description  ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MAD1107 Datasheet(HTML) 4 Page - Protek Devices

  MAD1107 Datasheet HTML 1Page - Protek Devices MAD1107 Datasheet HTML 2Page - Protek Devices MAD1107 Datasheet HTML 3Page - Protek Devices MAD1107 Datasheet HTML 4Page - Protek Devices MAD1107 Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05146.R11 9/12
Page 4
MAD Series
14 Pin DiP PAckAge inFoRMAtion
oRDeRing inFoRMAtion
BASe PARt nuMBeR
leADFRee SuFFiX
tAPe SuFFiX
Qty/Reel
Reel SiZe
tuBe Qty
MADxxxx
-LF
n/a
n/a
n/a
25
noteS
1. Marking on Part - logo, part number, date code and pin one defined by dot on top of package.
2. This series is only available in a lead-free configuration.
Package outline per document number 06002.R4 10/11.
outline DiMenSionS
DiM
MilliMeteRS
incheS
Min
MAX
Min
MAX
A
18.16
19.56
0.715
0.770
B
6.10
6.60
0.240
0.260
C
7.37
7.87
0.290
0.310
D
0.20
0.38
0.008
0.015
E
0°
10°
0°
10°
F
0.38
1.01
0.015
0.039
G
3.69
4.69
0.145
0.185
H
2.92
3.43
0.115
0.135
I
1.02
1.78
0.040
0.070
J
1.32
2.41
0.052
0.095
K
0.38
0.53
0.015
0.021
L
2.54
2.54
0.100
0.100
noteS
1. Dimensions are exclusive of mold flash and metal burrs.
2. Dimension “L” is between centers.
A
Orientation Dot
(Pin #1)
B
C
D
16 Places
E
H
L
J
10 Places
K
14 Places
I
10 Places
F
G



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com