Electronic Components Datasheet Search
  English  ▼

X  

MMAD1106 Datasheet(PDF) 1 Page - Protek Devices

Part # MMAD1106
Description  ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MMAD1106 Datasheet(HTML) 1 Page - Protek Devices

  MMAD1106 Datasheet HTML 1Page - Protek Devices MMAD1106 Datasheet HTML 2Page - Protek Devices MMAD1106 Datasheet HTML 3Page - Protek Devices MMAD1106 Datasheet HTML 4Page - Protek Devices MMAD1106 Datasheet HTML 5Page - Protek Devices MMAD1106 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05136.R12 9/12
Page 1
MMAD Series
ultRA low cAPAcitAnce Multi-line SteeRing DioDe ARRAy
DeScRiPtion
The MMAD Series are low distortion steering diodes. These devices are intended for use in high frequency analog
or digital data I/O ports for protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). The
MMAD Series is connected between rail-to-rail voltage bus or rail-to-ground for clamping and diverting overvoltage
transients for the protection of sensitive network interface circuits.
This series provides low capacitance, which insures signal integrity up to 900MHz, while complete isolation between
adjacent diodes keeps cross-talk to a minimum. The MMAD Series is available in a SO-14 package and meets the IEC
61000-4-2, IEC 61000-4-4 and IEC 61000-4-5 requirements.
FeAtuReS
• Compatible with IEC 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge): 12A, 8/20µs - Level 1(Line-
Gnd) & Level 2(Line-Line)
• 500 Milliwatt Continuous Power Dissipation
• Monolithic Design
• ESD Protection > 25 kilovolts
• Protects up to 7 to 10 I/O Lines
• Working Voltage > 50 Volts
• Low Leakage Current < 0.1µA
• Ultra Low Capacitance: 5pF per Diode
• RoHS Compliant
• REACH Compliant
MechAnicAl chARActeRiSticS
• Molded JEDEC SO-14 Package
• Approximate Weight: 0.15 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 16mm Tape and Reel Per EIA Standard 481
• Flammability Rating UL 94V-0
APPlicAtionS
• High Frequency Data Lines
• RS-232 & RS-422 Interface Networks
• Ethernet 10/100 Base T
• Computer I/O Ports
ciRcuit DiAgRAM
So-14 PAckAge
I/O PORT
+
GND OR (-)
Does not Apply to the MMAD1109


Similar Part No. - MMAD1106

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMAD1106 MICROSEMI-MMAD1106 Datasheet
83Kb / 1P
Switching Diode Array
logo
Protek Devices
MMAD1106 PROTEC-MMAD1106 Datasheet
78Kb / 4P
STEERING DIODE ARRAY
logo
Microsemi Corporation
MMAD1106 MICROSEMI-MMAD1106 Datasheet
79Kb / 2P
Switching Diode Array Steering Diode TVS Array
logo
Protek Devices
MMAD1106 PROTEC-MMAD1106 Datasheet
887Kb / 6P
ultra low capacitance multi-line steering diode array
logo
Microsemi Corporation
MMAD1106E3 MICROSEMI-MMAD1106E3 Datasheet
79Kb / 2P
Switching Diode Array Steering Diode TVS Array
More results

Similar Description - MMAD1106

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MAD PROTEC-MAD_10 Datasheet
850Kb / 5P
ultra low capacitance multi-line steering diode array
MMAD PROTEC-MMAD Datasheet
887Kb / 6P
ultra low capacitance multi-line steering diode array
MMAD1108 PROTEC-MMAD1108_11 Datasheet
480Kb / 5P
ultra low capacitance multi-line steering diode array
PMAD1108 PROTEC-PMAD1108_10 Datasheet
501Kb / 4P
ultra low capacitance multi-line steering diode array
PMMAD1108 PROTEC-PMMAD1108_11 Datasheet
495Kb / 5P
ultra low capacitance multi-line steering diode array
MAD1108 PROTEC-MAD1108_12 Datasheet
506Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
MMAD1108 PROTEC-MMAD1108_12 Datasheet
482Kb / 5P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD PROTEC-PMAD_12 Datasheet
870Kb / 6P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMAD1108-LF PROTEC-PMAD1108-LF Datasheet
375Kb / 4P
ULTRA LOW CAPACITANCE MULTI-LINE STEERING DIODE ARRAY
PMMAD PROTEC-PMMAD_15 Datasheet
791Kb / 7P
ULTRA LOW CAPACITANCE MULTI - LINE STEERING DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com