Electronic Components Datasheet Search
  English  ▼

X  

HSR120 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HSR120
Description  Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSR120 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSR120 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSR120 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSR120 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HL200708
Issued Date : 2007.04.01
Revised Date : 2009.03.24
Page No. : 2/3
HSR120 thru HSR1100
HSMC Product Specification
Characteristics Curve
Forward Current Derating Curve
0
0.5
1
1.5
0
25
50
75
100
125
150
175
Lead Temperature(℃)
Resistive or Inductive Load
0.375” (9.5mm) lead length
M axim um Non -re pet itiv e P eak
Fo rwa rd Sur ge Curr ent
0
5
10
15
20
25
30
1
1 0
100
Num ber of Cy cles at 60 Hz
TJ =TJ ma x.8 .3m s
si ngl e h alf si ne-w ave
(J EDE C M eth od
Typical Reverse Characteristics
0.00 1
0. 01
0.1
1
10
020
40
60
80
1
Percent of Rated Peak Reverse
Voltage(%)
Ty p ic a l Ins tan tane ous
For w ar d Char ac te r is tic s Per L eg
0.0 1
0.1
1
10
0
0 .2
0 .4
0 .6
0 .8
1
VF,Fo r w a r d Vo lta g e ( V)
00
Tj=25℃
Tj=75℃
Tj=125℃
50 - 60 V
20 -40 V
80 - 10 0V
`
Ty pi ca l Tr an si en t Th er ma l
Im pe da nc e
0.1
1
10
100
0.0 1
0.1
1
10
100
t, Pu ls e Du ra ti on (s ec. )
Typical Junction Capacitance
1
10
100
1000
0.1
1
10
100
Reverse Voltage(V)
TJ=25oC, f=1MHz
Vsig=50mVp-p



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com